Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM8147 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8147
Description  TMS320DM814x DaVinci Digital Media Processors
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8147 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320DM8147 Datasheet HTML 23Page - Texas Instruments TMS320DM8147 Datasheet HTML 24Page - Texas Instruments TMS320DM8147 Datasheet HTML 25Page - Texas Instruments TMS320DM8147 Datasheet HTML 26Page - Texas Instruments TMS320DM8147 Datasheet HTML 27Page - Texas Instruments TMS320DM8147 Datasheet HTML 28Page - Texas Instruments TMS320DM8147 Datasheet HTML 29Page - Texas Instruments TMS320DM8147 Datasheet HTML 30Page - Texas Instruments TMS320DM8147 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 360 page
background image
TMS320DM8148, TMS320DM8147, TMS320DM8146
www.ti.com
SPRS647B
– MARCH 2011 – REVISED SEPTEMBER 2011
2.12.3.2 L4 Slow Peripheral Memory Map
Table 2-6. L4 Slow Peripheral Memory Map
Cortex-A8 and L3 Masters
C674x DSP
START
SIZE
DEVICE NAME
END ADDRESS
START
END ADDRESS
ADDRESS
(HEX)
ADDRESS (HEX)
(HEX)
(HEX)
0x4800_0000
0x4800_07FF
0x0800_0000
0x0800_07FF
2KB
L4 Slow Configuration
–
Address/Protection (AP)
0x4800_0800
0x4800_0FFF
0x0800_0800
0x0800_0FFF
2KB
L4 Slow Configuration
– Link Agent
(LA)
0x4800_1000
0x4800_13FF
0x0800_1000
0x0800_13FF
1KB
L4 Slow Configuration
– Initiator Port
(IP0)
0x4800_1400
0x4800_17FF
0x0800_1400
0x0800_17FF
1KB
L4 Slow Configuration
– Initiator Port
(IP1)
0x4800_1800
0x4800_1FFF
0x0800_1800
0x0800_1FFF
2KB
Reserved
0x4800_2000
0x4800_7FFF
0x0800_2000
0x0800_7FFF
24KB
Reserved
0x4800_8000
0x4800_8FFF
0x0800_8000
0x0800_8FFF
32KB
Reserved
0x4801_0000
0x4801_0FFF
0x0801_0000
0x0801_0FFF
4KB
DEMMU Peripheral Registers
0x4801_1000
0x4801_1FFF
0x0801_1000
0x0801_1FFF
4KB
DEMMU Support Registers
0x4801_2000
0x4801_FFFF
0x0801_2000
0x0801_FFFF
56KB
Reserved
0x4802_0000
0x4802_0FFF
0x0802_0000
0x0802_0FFF
4KB
UART0 Peripheral Registers
0x4802_1000
0x4802_1FFF
0x0802_1000
0x0802_1FFF
4KB
UART0 Support Registers
0x4802_2000
0x4802_2FFF
0x0802_2000
0x0802_2FFF
4KB
UART1 Peripheral Registers
0x4802_3000
0x4802_3FFF
0x0802_3000
0x0802_3FFF
4KB
UART1 Support Registers
0x4802_4000
0x4802_4FFF
0x0802_4000
0x0802_4FFF
4KB
UART2 Peripheral Registers
0x4802_5000
0x4802_5FFF
0x0802_5000
0x0802_5FFF
4KB
UART2 Support Registers
0x4802_6000
0x4802_7FFF
0x0802_6000
0x0802_7FFF
8KB
Reserved
0x4802_8000
0x4802_8FFF
0x0802_8000
0x0802_8FFF
4KB
I2C0 Peripheral Registers
0x4802_9000
0x4802_9FFF
0x0802_9000
0x0802_9FFF
4KB
I2C0 Support Registers
0x4802_A000
0x4802_AFFF
0x0802_A000
0x0802_AFFF
4KB
I2C1 Peripheral Registers
0x4802_B000
0x4802_BFFF
0x0802_B000
0x0802_BFFF
4KB
I2C1 Support Registers
0x4802_C000
0x4802_DFFF
0x0802_C000
0x0802_DFFF
8KB
Reserved
0x4802_E000
0x4802_EFFF
0x0802_E000
0x0802_EFFF
4KB
TIMER1 Peripheral Registers
0x4802_F000
0x4802_FFFF
0x0802_F000
0x0802_FFFF
4KB
TIMER1 Support Registers
0x4803_0000
0x4803_0FFF
0x0803_0000
0x0803_0FFF
4KB
SPI0 Peripheral Registers
0x4803_1000
0x4803_1FFF
0x0803_1000
0x0803_1FFF
4KB
SPI0 Support Registers
0x4803_2000
0x4803_2FFF
0x0803_2000
0x0803_2FFF
4KB
GPIO0 Peripheral Registers
0x4803_3000
0x4803_3FFF
0x0803_3000
0x0803_3FFF
4KB
GPIO0 Support Registers
0x4803_4000
0x4803_7FFF
0x0803_4000
0x0803_7FFF
16KB
Reserved
0x4803_8000
0x4803_9FFF
0x0803_8000
0x0803_9FFF
8KB
McASP0 CFG Peripheral Registers
0x4803_A000
0x4803_AFFF
0x0803_A000
0x0803_AFFF
4KB
McASP0 CFG Support Registers
0x4803_B000
0x4803_BFFF
0x0803_B000
0x0803_BFFF
4KB
Reserved
0x4803_C000
0x4803_DFFF
0x0803_C000
0x0803_DFFF
8KB
McASP1 CFG Peripheral Registers
0x4803_E000
0x4803_EFFF
0x0803_E000
0x0803_EFFF
4KB
McASP1 CFG Support Registers
0x4803_F000
0x4803_FFFF
0x0803_F000
0x0803_FFFF
4KB
Reserved
0x4804_0000
0x4804_0FFF
0x0804_0000
0x0804_0FFF
4KB
TIMER2 Peripheral Registers
0x4804_1000
0x4804_1FFF
0x0804_1000
0x0804_1FFF
4KB
TIMER2 Support Registers
0x4804_2000
0x4804_2FFF
0x0804_2000
0x0804_2FFF
4KB
TIMER3 Peripheral Registers
0x4804_3000
0x4804_3FFF
0x0804_3000
0x0804_3FFF
4KB
TIMER3 Support Registers
0x4804_4000
0x4804_4FFF
0x0804_4000
0x0804_4FFF
4KB
TIMER4 Peripheral Registers
Copyright
© 2011, Texas Instruments Incorporated
Device Overview
27
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com