Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 19 Page - Micro Analog systems

Part # MCP795W21
Description  SPI Real-Time Clock Calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP795W21 Datasheet(HTML) 19 Page - Micro Analog systems

Back Button MCP795W21 Datasheet HTML 15Page - Micro Analog systems MCP795W21 Datasheet HTML 16Page - Micro Analog systems MCP795W21 Datasheet HTML 17Page - Micro Analog systems MCP795W21 Datasheet HTML 18Page - Micro Analog systems MCP795W21 Datasheet HTML 19Page - Micro Analog systems MCP795W21 Datasheet HTML 20Page - Micro Analog systems MCP795W21 Datasheet HTML 21Page - Micro Analog systems MCP795W21 Datasheet HTML 22Page - Micro Analog systems MCP795W21 Datasheet HTML 23Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS22280A-page 19
MCP795WXX/MCP795BXX
REGISTER 6-4:
DAY 0X0F
REGISTER 6-5:
DATE 0X10
RW
RW
RW
RW
ALM0PIN
ALM0C2
ALM0C1
ALM0C0
ALM0IF
Day
bit 7
bit6
bit 4
bit 3
bit 2
bit 0
Legend: R = Readable Bit W = Writable Bit U = Unimplemented bit, Read as ‘0’
bit 7
Bit 7 configures the pin that is used for the Alarm 0 output. If this bit is clear the IRQ pin is used. If set, the
WDO pin is used. If the WDT is enabled then a valid Alarm will assert the WDO pin for 122 us.
BIT 6:4
Bits <6:4> sets the condition on what the Alarm will trigger. The following options are available:
000 – Seconds match
001 – Minutes match
010 – Hours match (logic takes into account 12/24 operation)
011 – Day match. Generates interrupt at 12:00:00 AM
100 – Date match
101 – Unimplemented, do not use
110 – Unimplemented, do not use
111 – Seconds, Minutes, Hour, Day, Date and Month
bit 3
Bit 3 is the ALM0IF bit. This is set by hardware when an alarm condition has be generated. The bit must
be cleared in software.
bit 2-0
Day
U
U
RW
RW
RW
10 Date
Date
bit 7
bit 6
bit 5
bit 4
bit 3
bit 0
Legend: R = Readable Bit W = Writable Bit U = Unimplemented bit, Read as ‘0’
bit 7-6
Unimplemented
bit 5-4
10 Date
bit 3-0
Date



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com