Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 15 Page - Micro Analog systems

Part # MCP795W21
Description  SPI Real-Time Clock Calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP795W21 Datasheet(HTML) 15 Page - Micro Analog systems

Back Button MCP795W21 Datasheet HTML 11Page - Micro Analog systems MCP795W21 Datasheet HTML 12Page - Micro Analog systems MCP795W21 Datasheet HTML 13Page - Micro Analog systems MCP795W21 Datasheet HTML 14Page - Micro Analog systems MCP795W21 Datasheet HTML 15Page - Micro Analog systems MCP795W21 Datasheet HTML 16Page - Micro Analog systems MCP795W21 Datasheet HTML 17Page - Micro Analog systems MCP795W21 Datasheet HTML 18Page - Micro Analog systems MCP795W21 Datasheet HTML 19Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS22280A-page 15
MCP795WXX/MCP795BXX
REGISTER 5-9:
CONTROL REG 0X08
REGISTER 5-10:
CALIBRATION 0X09
RW
RW
RW
RW
RW
RW
RW
RW
OUT
SQWE
ALM1
ALM0
EXTOSC
RS2
RS1
RS0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Legend: R = Readable Bit W = Writable Bit U = Unimplemented bit, Read as ‘0’
bit 7
Bit 7 is the OUT bit, this sets the logic level on the CLKOUT when not using this as a square wave output.
bit 6
Bit 6 is the SQWE bit, setting this bit enables the divided output from the crystal oscillator.
bit 5:4
ALM1 Bits <5:4> determine which alarms are active.
- 00 – No Alarms are active
- 01 – Alarm 0 is active
- 10 – Alarm 1 is active
- 11 – Both Alarms are active
bit 3
Bit 3 is the EXTOSC enable bit. Setting this bit will allow an external 32.768 kHz signal to drive the RTCC
registers, eliminating the need for an external crystal.
bit 2:0
RS2 Bits <2:0> set the internal divider for the 32.768 kHz oscillator to be driven to the CLKOUT. The fol-
lowing frequencies are available. The output is responsive to the Calibration register.
- 000 – 1 Hz
- 001 – 4.096 kHz
- 010 – 8.192 kHz
- 011 – 32.768 kHz
- 1XX enables the Cal Output function. Cal output appears on CLKOUT if SQWE is set (1 Hz nominal).
Note:
When RS2 is set to enable the Cal Output function, the RTCC counters will continue to increment.
RW
CALIBRATION
bit 7
bit 0
Legend: R = Readable Bit W = Writable Bit U = Unimplemented bit, Read as ‘0’
bit 7-0
Calibration Value
Note:
This is an 8-bit register that is used to add or subtract clocks from the RTCC counter every minute. The
CALSGN (0x03:7) is the sign bit and indicates if the count should be added or subtracted. The 8 bits in
the Calibration register, with each bit adding or subtracting two clocks, gives the user the ability to add or
subtract up to 510 clocks per minute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com