Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 51 Page - Micro Analog systems

Part # MCP795W21
Description  SPI Real-Time Clock Calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP795W21 Datasheet(HTML) 51 Page - Micro Analog systems

Back Button MCP795W21 Datasheet HTML 46Page - Micro Analog systems MCP795W21 Datasheet HTML 47Page - Micro Analog systems MCP795W21 Datasheet HTML 48Page - Micro Analog systems MCP795W21 Datasheet HTML 49Page - Micro Analog systems MCP795W21 Datasheet HTML 50Page - Micro Analog systems MCP795W21 Datasheet HTML 51Page - Micro Analog systems MCP795W21 Datasheet HTML 52Page - Micro Analog systems MCP795W21 Datasheet HTML 53Page - Micro Analog systems MCP795W21 Datasheet HTML 54Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS22280A-page 51
MCP795WXX/MCP795BXX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Not every possible ordering
combination is listed below
.
MCP795
I
/SN
Package
Temp
Range
Base Part
Base Part No.:
MCP794 = I2C™ RTCC
MCP795 = SPI RTCC
Additional
Features:
Blank = None
W
= Watchdog Timer, 2 Event Detects
B
= 32 kHz Boot-up Clock, Watchdog Timer, 2 Event
Detects
Memory:
0
= 64 Bytes SRAM
1
= 1 Kbit EE, 64 Bytes SRAM
2
= 2 Kbits EE, 64 Bytes SRAM
ID/MAC Address:
0= Blank
1
= EUI-48™ MAC Address
2
= EUI-64™ MAC Address
T/R:
Blank = Tube
T
= Tape and Reel
Temperature
Range:
I=
-40
C to +85C
Package:
SL = 14-Pin SOIC
ST = 14-Pin TSSOP
Examples:
a)
MCP795W20-I/SL: 2K EEPROM, Blank ID,
Industrial Temperature, SOIC Package
b)
MCP795W10-I/ST: 1K EEPROM, Blank ID,
Industrial Temperature, TSSOP Package
c)
MCP795W21-I/SL: 2K EEPROM, EUI-48™,
Industrial Temperature, SOIC Package
d)
MCP795W22-I/ST: 2K EEPROM, EUI-64™,
Industrial Temperature, TSSOP Package
e)
MCP795B20-I/SL: Boot Clock, 2K EEPROM,
Blank ID, Industrial Temperature, SOIC
Package
f)
MCP795B10-I/ST: Boot Clock, 1K EEPROM,
Blank ID, Industrial Temperature, TSSOP
Package
Note 1:
All devices include a Watchdog Timer
and two Event Detects.
W
Additional
Features
1
Memory
0
Unique
T
T/R
ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com