Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 37 Page - Micro Analog systems

Part # MCP795W21
Description  SPI Real-Time Clock Calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP795W21 Datasheet(HTML) 37 Page - Micro Analog systems

Back Button MCP795W21 Datasheet HTML 33Page - Micro Analog systems MCP795W21 Datasheet HTML 34Page - Micro Analog systems MCP795W21 Datasheet HTML 35Page - Micro Analog systems MCP795W21 Datasheet HTML 36Page - Micro Analog systems MCP795W21 Datasheet HTML 37Page - Micro Analog systems MCP795W21 Datasheet HTML 38Page - Micro Analog systems MCP795W21 Datasheet HTML 39Page - Micro Analog systems MCP795W21 Datasheet HTML 40Page - Micro Analog systems MCP795W21 Datasheet HTML 41Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS22280A-page 37
MCP795WXX/MCP795BXX
9.2
Crystal Specification and
Selection
The MCP795XXX has been designed to operate with a
standard 32.768 kHz tuning fork crystal. The on-board
oscillator has been characterized to operate with a
crystal of maximum ESR of 70K Ohms.
Crystals with a comparable specification are also suit-
able for use with the MCP795XXX.
The table below is given as design guidance and a
starting point for crystal and capacitor selection.
EQUATION 9-1:
The following must also be taken into consideration:
• Pin capacitance (to be included in Cx2 and Cx1)
• Stray Board Capacitance
The recommended board layout for the oscillator area
is shown in Figure 9-9. This actual board shows the
crystal and the load capacitors. In this example, C2 is
CX1, C1 is CX2 and the crystal is designated as Y1.
When calculating the effective load capacitance,
Equation 9-1 can be used.
FIGURE 9-9:
BOARD LAYOUT
Gerber files are available on request. Please contact
your Microchip Sales representative.
It is required that the final application should be tested
with the chosen crystal and capacitor combinations
across all operating and environmental conditions.
Please also consult with the crystal specification to
observe correct handling and reflow conditions and for
information on ideal capacitor values.
For more information please see the RTCC Best
Practices AN1365 (DS01365).
Manufacturer
Part Number
Crystal
Capacitance
CX1 Value
CX2 Value
Micro Crystal
CM7V-T1A
7pF
10pF
12pF
Citizen
CM200S-32.768KDZB-UT
6pF
10pF
8 pF
Please work with your crystal vendor.
Cload
CX2 CX1
CX2
CX1
+
-----------------------------
Cstray
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com