Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 29 Page - Micro Analog systems

Part # MCP795W21
Description  SPI Real-Time Clock Calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP795W21 Datasheet(HTML) 29 Page - Micro Analog systems

Back Button MCP795W21 Datasheet HTML 25Page - Micro Analog systems MCP795W21 Datasheet HTML 26Page - Micro Analog systems MCP795W21 Datasheet HTML 27Page - Micro Analog systems MCP795W21 Datasheet HTML 28Page - Micro Analog systems MCP795W21 Datasheet HTML 29Page - Micro Analog systems MCP795W21 Datasheet HTML 30Page - Micro Analog systems MCP795W21 Datasheet HTML 31Page - Micro Analog systems MCP795W21 Datasheet HTML 32Page - Micro Analog systems MCP795W21 Datasheet HTML 33Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS22280A-page 29
MCP795WXX/MCP795BXX
In the case where the MSB of the Calibration register
is set to ‘1’, the CLKOUT output waveforms that
appear when bits RS1 and RS0 are set to ‘01’ or ‘10’
are not as responsive to the setting of the Calibration
register. For example, when outputting the 4.096 kHz
waveform (RS1, RS0 set to ‘01’), the output waveform
is generated using only eight input clock cycles.
Consequently, attempting to subtract more than eight
input clock cycles from this output does not have a
meaningful affect on the resulting waveform. Any
affect on the output will appear as a modification in
both the frequency and duty cycle of the waveform
appearing on the CLKOUT output pin.
B.RS2 bit set to ‘1’
With the RS2 bit set to ‘1’, the following internal timing
signal is output on the CLKOUT pin:
The frequency listed in the table presumes an input
clock source of exactly 32.768 kHz. In terms of the
equivalent number of input clock cycles, the table
becomes:
Unlike
the
method
previously
described,
the
calibration setting is continuously applied and affects
every cycle of the output waveform. This results in the
modulation of the frequency of the output waveform
based upon the setting of the Calibration register.
Using this setting, the calibration function can be
expressed as:
Since the calibration is done every cycle, the frequency
of the output CLKOUT waveform is constant.
FIGURE 9-1:
CLKOUT WAVEFORM
RS2
RS1
RS0
Output Signal
1x
x
1.0 Hz
RS2
RS1
RS0
Output Signal
1x
x
32768
Toutput
=
(32768 +/- (2 * CALREG)) Tinput
where:
Toutput
=
clock period of CLKOUT output
signal
Tinput
=
clock period of input signal
CALREG
=
decimal value of calibration
register setting and the sign is
determined by the CALSGN bit.
Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54