Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP795W21 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MCP795W21
Description  SPI Real-Time Clock Calendar
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP795W21 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MCP795W21 Datasheet HTML 2Page - Micro Analog systems MCP795W21 Datasheet HTML 3Page - Micro Analog systems MCP795W21 Datasheet HTML 4Page - Micro Analog systems MCP795W21 Datasheet HTML 5Page - Micro Analog systems MCP795W21 Datasheet HTML 6Page - Micro Analog systems MCP795W21 Datasheet HTML 7Page - Micro Analog systems MCP795W21 Datasheet HTML 8Page - Micro Analog systems MCP795W21 Datasheet HTML 9Page - Micro Analog systems MCP795W21 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
MCP795WXX/MCP795BXX
DS22280A-page 6
Preliminary
 2011 Microchip Technology Inc.
2.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 2-1.
FIGURE 2-1:
DEVICE PINOUTS
2.1
Chip Select (CS)
A low level on this pin selects the device. A high level
deselects the device and forces it into Standby mode.
However, a programming cycle which is already initi-
ated or in progress will be completed, regardless of the
CS input signal. If CS is brought high during a program
cycle, the device will go in Standby mode as soon as
the programming cycle is complete. When the device is
deselected, SO goes into the high-impedance state,
allowing multiple parts to share the same SPI bus. A
low-to-high transition on CS after a valid write
sequence initiates an internal write cycle. After power-
up, a low level on CS is required prior to any sequence
being initiated.
2.2
Serial Output (SO)
The SO pin is used to transfer data out of the
MCP795XXX. During a read cycle, data is shifted out
on this pin after the falling edge of the serial clock.
2.3
Watchdog Output (WDO)
This pin is a hardware open drain from the internal
watchdog circuit. This pin requires an external pull-up
to VCC. When a watchdog overflow occurs the onboard
N-Channel will pulse this pin low. The pulse duration is
user selectable (Address 0x0A:4). This pin has a max-
imum sink current of 10mA.
2.4
Serial Input (SI)
The SI pin is used to transfer data into the device. It
receives instructions, addresses and data. Data is
latched on the rising edge of the serial clock.
2.5
Serial Clock (SCK)
The SCK is used to synchronize the communication
between a master and the MCP795XXX. Instructions,
addresses or data present on the SI pin are latched on
the rising edge of the clock input, while data on the SO
pin is updated after the falling edge of the clock input.
2.6
Interrupt Output (IRQ)
The IRQ pin is shared with the onboard event detect
and the Alarms. This pin requires an external pull-up to
VCC or VBAT. The onboard N-Channel will pull the pin
low during an event detection or an alarm. The pin
remains low until such time that the interrupt flag in the
register is cleared by software. This pin has a maxi-
mum sink current of 10mA.
2.7
X1, X2
The X1 and X2 pins connect to the onboard oscillator
block. X1 is the input to the module and X2 is the out-
put of the module. The device can be run from an
external CMOS signal by feeding into the X1 pin. If
driving X1 the X2 pin should be a No Connect.
2.8
VBAT
The VBAT pin is a secondary supply input to maintain
the Clock and SRAM contents when VCC is removed.
2.9
CLKOUT/BOOT
The CLKOUT is a push-pull output that can be used to
generate a squarewave or is used for the boot-up clock
output at power-up. Please refer to Section 9.1.2,
Clockout Function for more details.
2.10
EVHS and EVLS
The EVHS and EVLS are inputs for the High and Low
Speed Event Detection circuit.
TABLE 2-1:
PIN DESCRIPTIONS
X1
X2
VBAT
WDO
Vcc
CLKOUT/BOOT
EVHS
EVLS
1
2
3
4
14
13
12
11
SOIC/TSSOP
IRQ
CS
VSS
SCK
SI
SO
5
6
7
10
9
8
Pin Name
Pin Function
VSS
Ground
X1
Xtal Input, External Oscillator Input
X2
Xtal Output
VBAT
Battery Backup Input (3V Typ)
VCC
+1.8V to +5.5V Power Supply
SI
Serial Input
WDO
Watchdog Output
SCK
Serial Clock
CLKOUT/
BOOT
Clock Out (Boot Clock on
MCP795BXX)
CS
Chip Select
IRQ
Interrupt Ouput
EVHS
High-Speed Event Detect Input
EVLS
Low-Speed Event Detect Input
SO
Serial Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com