Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA2500D Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA2500D_10 Datasheet HTML 13Page - STMicroelectronics STA2500D_10 Datasheet HTML 14Page - STMicroelectronics STA2500D_10 Datasheet HTML 15Page - STMicroelectronics STA2500D_10 Datasheet HTML 16Page - STMicroelectronics STA2500D_10 Datasheet HTML 17Page - STMicroelectronics STA2500D_10 Datasheet HTML 18Page - STMicroelectronics STA2500D_10 Datasheet HTML 19Page - STMicroelectronics STA2500D_10 Datasheet HTML 20Page - STMicroelectronics STA2500D_10 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
STA2500D
Pinout
Doc ID 16067 Rev 2
17/58
4.3
I/O Supply
The device STA2500D has two different I/O supplies: BT_VIO_A and BT_VIO_B.
The two different pins may be potentially connected to separate dedicated voltage supplies
in order to harmonize the digital levels to the platform.
They are linked to different interfaces as described in Table 14.
Table 13.
Configuration programming
BT_CONFIG_1 BT_CONFIG_2 BT_CONFIG_3
Communication
Protocol
BT_CLK_REQ_OUT_1 BT_CLK_REQ_OUT_2
0
1
0
H4 UART
Active high
Depending on SW
config
0
1
1
H4 UART
Active low
Depending on SW
config
1
1
0
Reserved
Reserved
Reserved
1
1
1
Reserved
Reserved
Reserved
1
0
0
Reserved
Reserved
Reserved
1
0
1
Enhanced H4 SPI(1)
Active high
Active low
0
0
1
Reserved
Reserved
Reserved
0
0
0
Reserved
Reserved
Reserved
1.
In order to get other SPI modes, the Host must send a specific configuration at start-up in addition of these configuration
pins.
Table 14.
I/O supply split diagram
I/O supply
name
Voltage
range [V]
Function
Associated pins
BT_VIO_A
1.65 - 2.85
Configuration
BT_CONFIG_1, BT_CONFIG_2, BT_CONFIG_3
Control
BT_WAKEUP
BT_RESETN
BT_CLK_REQ_OUT_1, BT_CLK_REQ_OUT_2
GPIO (JTAG)
BT_GPIO_8 (JTAG_TCK), BT_GPIO_9 (JTAG_TDI),
BT_GPIO_10 (JTAG_TMS), BT_GPIO_11 (JTAG_TDO),
BT_GPIO_16 (JTAG_NTRST)
PCM
BT_PCM_A, BT_PCM_B, BT_PCM_SYNC, BT_PCM_CLK
Control
BT_REG_CTRL
UART (SPI)
BT_UART_RXD (SPI_DI), BT_UART_TXD (SPI_DO),
BT_UART_RTS (SPI_CSN), BT_UART_CTS (SPI_CLK),
BT_HOST_WAKEUP (SPI_INT)
Control (GPIO)
BT_CLK_REQ_IN_1 (GPIO_1), BT_CLK_REQ_IN_2 (GPIO_2)
GPIO
BT_GPIO_0
BT_VIO_B
1.17 - 2.85
Low - power clock
BT_LP_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com