Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA2500D Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA2500D_10 Datasheet HTML 15Page - STMicroelectronics STA2500D_10 Datasheet HTML 16Page - STMicroelectronics STA2500D_10 Datasheet HTML 17Page - STMicroelectronics STA2500D_10 Datasheet HTML 18Page - STMicroelectronics STA2500D_10 Datasheet HTML 19Page - STMicroelectronics STA2500D_10 Datasheet HTML 20Page - STMicroelectronics STA2500D_10 Datasheet HTML 21Page - STMicroelectronics STA2500D_10 Datasheet HTML 22Page - STMicroelectronics STA2500D_10 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
STA2500D
Functional description
Doc ID 16067 Rev 2
19/58
5.4
Bluetooth controller V1.2 and V2.0 + EDR features
The Bluetooth controller is backward compatible with the Bluetooth specification V1.2 [] and
V2.0 + EDR []. Here below is a list with the main features of those specifications:
●
Adaptive Frequency Hopping (AFH): hopping kernel, channel assessment as Master
and as Slave
●
Fast Connection: Interlaced scan for Page and Inquiry scan, answer FHS at first
reception, RSSI used to limit range
●
Extended SCO (eSCO) links: supports EV3, EV4 and EV5 packets
●
Channel Quality Driven Data Rate change (CQDDR)
●
QoS Flush
●
Synchronization: BT clocks are available at HCI level for synchronization of parallel
applications on different Slaves
●
L2CAP Flow & Error control
●
LMP SCO handling
●
2 Mbps packet types
–
ACL: 2-DH1, 2-DH3, 2-DH5
–
eSCO: 2-EV3, 2-EV5
●
3 Mbps packet types
–
ACL: 3-DH1, 3-DH3, 3-DH5
–
eSCO: 3-EV3, 3-EV5
5.5
Bluetooth controller V2.1 + EDR (“Lisbon”)
●
Encryption Pause/Resume (EPR)
●
Extended Inquiry Response (EIR)
●
Link Supervision Time Out (LSTO)
●
Secure Simple Pairing
●
Sniff Subrating
●
Quality of Service (Qos)
–
Packet Boundary Flag
–
Erroneous Data Delivery
5.6
Processor and memory
●
ARM7TDMI
●
On chip RAM, including provision for patches
●
On chip ROM, preloaded with SW up to HCI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com