| Electronic Components Datasheet Search |
|
STA2500D Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA2500D Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 58 page ![]() Digital interfaces STA2500D 42/58 Doc ID 16067 Rev 2 positive edge of SPI_CLK. When SPI_CSN is inactive, this BT Controller output is in tristate mode. ● SPI_DI (on pin BT_UART_RXD/BT_SPI_DI): data transfer from Master to Slave. Data is generated on the negative edge of SPI_CLK by the Master and sampled on the positive edge of SPI_CLK. ● SPI_INT (on pin BT_HOST_WAKEUP/BT_SPI_INT): interrupt from the Slave, used to request an SPI transfer by the Slave to the Master. The signal is active high (Host input must be level sensitive). The SPI interface is Master at the Host side, and Slave at Bluetooth Controller side. It is designed to work with the H4 and enhanced H4 protocol. Also synchronous data packet transfer (eSCO) over HCI is supported. The SPI data length and endianness are configurable. The SPI interface can only operate in half duplex mode. Also the use of flow control is configurable. The flow control consists of an indication from the Bluetooth Controller whether its receive buffers are ready to receive data. This indication is available in three ways: ● On the SPI_DO during TSCS (time between SPI_CSN becoming active and SPI_CLK becoming high), see FC in Figure 17 and Tscs in Figure 18 ● In a register that can be read by the Host ● Optionally on one of the programmable GPIOs: GPIO_16. This is enabled by a SW parameter download, see Section 7.5 The default SPI configuration is: ● Half duplex mode ● 16 bit data length ● Most significant byte first ● Most significant bit first ● Flow control on SPI_DO and in a register More detailed information on the SPI interface is available upon request. Figure 17. SPI data transfer timing for data length of 8 bits and lsb first, full duplex Z FC b0 b1b2b3b4b5b6b7 Z b0 b1 b2 b3 b4 b5 b6 b7 SPI_CSN SPI_CLK SPI_DO SPI_DI SPI_INT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |