Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA2500D Datasheet(PDF) 44 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STA2500D_10 Datasheet HTML 40Page - STMicroelectronics STA2500D_10 Datasheet HTML 41Page - STMicroelectronics STA2500D_10 Datasheet HTML 42Page - STMicroelectronics STA2500D_10 Datasheet HTML 43Page - STMicroelectronics STA2500D_10 Datasheet HTML 44Page - STMicroelectronics STA2500D_10 Datasheet HTML 45Page - STMicroelectronics STA2500D_10 Datasheet HTML 46Page - STMicroelectronics STA2500D_10 Datasheet HTML 47Page - STMicroelectronics STA2500D_10 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
Digital interfaces
STA2500D
44/58
Doc ID 16067 Rev 2
In Slave mode, all possible PCM_SYNC lengths are supported (including “short frame” (= 1
PCM_CLK period) and “long frame” (> 1 PCM_CLK period)). In Master mode, the length is
configurable (1 (“short frame”), 8 or 16 (“long frame”) PCM_CLK periods).
The start of the PCM data is configurable. One possible configuration is e.g. for a short
frame, the falling edge of the PCM_SYNC indicating the start of the PCM word. Another
possible configuration is e.g. for a long frame, the rising edge of the PCM_SYNC indicating
the start of the PCM word.
TX data are by default generated on the positive edge of PCM_CLK and expected to be
latched by the external device on the negative edge while RX data are latched on the
negative edge of PCM_CLK. But the inverted clock mode is also supported, whereby the
generation of TX data is on the negative edge and the latching of TX and RX data is on the
positive edge.
One additional PCM_SYNC signal can be provided via the GPIOs. See section 7.5 for more
details.
Figure 19.
PCM (A-law, µ-law) standard mode
Figure 20.
Linear mode
Figure 21.
Multislot operation
The PCM implementation supports from 1 up to 3 slots per frame with the following
parameters:
D02TL558
PCM_CLK
PCM_SYNC
PCM_A
B
B
PCM_B
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
B
125µs
B
D02TL559
PCM_CLK
PCM_SYNC
PCM_A
PCM_B
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
125
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com