Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA2500D Datasheet(PDF) 48 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STA2500D_10 Datasheet HTML 44Page - STMicroelectronics STA2500D_10 Datasheet HTML 45Page - STMicroelectronics STA2500D_10 Datasheet HTML 46Page - STMicroelectronics STA2500D_10 Datasheet HTML 47Page - STMicroelectronics STA2500D_10 Datasheet HTML 48Page - STMicroelectronics STA2500D_10 Datasheet HTML 49Page - STMicroelectronics STA2500D_10 Datasheet HTML 50Page - STMicroelectronics STA2500D_10 Datasheet HTML 51Page - STMicroelectronics STA2500D_10 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
HCI transport layer
STA2500D
48/58
Doc ID 16067 Rev 2
8
HCI transport layer
The STA2500D supports the HCI transport layer as defined by the SIG: H4 []. It is supported
in combination with UART and SPI mode. The STA2500D also supports an enhanced
version of the H4 protocol in combination with SPI mode.
8.1
H4 UART transport layer
The objective of HCI UART transport layer is to make it possible to use Bluetooth HCI over a
serial interface between two UARTs on the same PCB. The HCI UART transport layer
assumes that the UART communication is free from line errors.
UART settings
The HCI UART transport layer uses the following settings for RS232:
●
Baud rate
:configurable (default baud rate 115200 bps)
●
Number of data bits
:8
●
Parity bit
:no parity
●
Stop bit
:1 stop bit
●
Flow control
:RTS/CTS
●
Flow-off response time :500 µs
The flow-off response time defines the maximum time that the STA2500D can still receive
data after setting RTS high.
RTS/CTS flow control is used to prevent temporary UART buffer overrun between the
Bluetooth Controller and the Host.
The RS232 signals should be connected in a null-modem fashion, i.e. the Bluetooth
Controller TXD output should be connected to the Host RXD input and the Bluetooth
Controller RTS output should be connected to the Host CTS input and vice versa.
If the Bluetooth Controller RTS output (connected to the Host CTS input) is low, then the
Host is allowed to send.
If the Bluetooth Controller RTS output (connected to the Host CTS input) is high, then the
Host is not allowed to send.
If the Bluetooth Controller CTS input (connected to the Host RTS output) is low, then the
Bluetooth Controller is allowed to send.
If the Bluetooth Controller CTS input (connected to the Host RTS output) is high, then the
Bluetooth Controller is not allowed to send.
Figure 23.
UART transport layer
BLUETOOTH
HOST
BLUETOOTH
HOST
CONTROLLER
BLUETOOTH HCI
HCI UART TRANSPORT LAYER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com