Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA2500D Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA2500D
Description  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA2500D_10 Datasheet HTML 20Page - STMicroelectronics STA2500D_10 Datasheet HTML 21Page - STMicroelectronics STA2500D_10 Datasheet HTML 22Page - STMicroelectronics STA2500D_10 Datasheet HTML 23Page - STMicroelectronics STA2500D_10 Datasheet HTML 24Page - STMicroelectronics STA2500D_10 Datasheet HTML 25Page - STMicroelectronics STA2500D_10 Datasheet HTML 26Page - STMicroelectronics STA2500D_10 Datasheet HTML 27Page - STMicroelectronics STA2500D_10 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
General specification
STA2500D
24/58
Doc ID 16067 Rev 2
6.2
Transmitter
Unless otherwise stated, typical is defined at Tamb = 25 °C, BT_HV = 2.75 V. Minimum and
Maximum are worst cases over corner lots and temperature. Parameters are given at device
pin, except for in-band spurious measured at antenna.
Table 18.
Transmitter parameters
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
RFout
Output frequency range
-
2402
-
2480
MHz
RF Transmit Power
TXpout
(GFSK)
Maximum output power(1)
@ 2402 - 2480 MHz
@ 25 °C
6
8
10
dBm
TXpout
(GFSK)
Maximum output power(1)
@ 2402 - 2480 MHz
@ worst cases over
corner lots and
temperature
4.5
8
10.5
dBm
TXpout
(GFSK)
Minimum output power
@ 2402 - 2480 MHz
-52.5
-47.5
-42.5
dBm
TXpout
(
π/4-DQPSK)
Maximum output power(1) (2)
@ 2402 - 2480 MHz
@ 25 °C
3.5
6
8
dBm
TXpout
(
π/4-DQPSK)
Minimum output power(2)
@ 2402 - 2480 MHz
-43.5
-38.5
-33.5
dBm
TXpoutrel
(
π/4-DQPSK)
Relative transmit power (3)
@ 2402 - 2480 MHz
-
-0.2
-
dB
TXpout
(8-DPSK)
Maximum output power(1) (2)
@ 2402 - 2480 MHz
@ 25 °C
3.5
6
8
dBm
TXpout
(8-DPSK)
Minimum output power(2)
@ 2402 - 2480 MHz
-43.5
-38.5
-33.5
dBm
TXpoutrel
(8-DPSK)
Relative transmit power (3)
@ 2402 - 2480 MHz
-
-0.2
-
dB
In-band spurious emission(4)
FCC
FCC’s 20 dB BW
-
900
930
950
kHz
ACP_2
Channel offset = ±2 MHz
-
-
-43.5
-20
dBm
ACP_3
Channel offset = ±-3 MHz
-
-
-52.5
-40
dBm
ACP_4
Channel offset
≥ ±4 MHz
-
-
-54.5
-40
dBm
EDR_IBS_1
Channel offset = ±1 MHz (2 and
3 Mbps)
-
-
-33.5
-26
dB
EDR_IBS_2
Channel offset = ±2 MHz (2 and
3 Mbps)
--
-31.5
-20
dBm
EDR_IBS_3
Channel offset = ±3 MHz (2 and
3 Mbps)
--
-45
-40
dBm
EDR_IBS_4
Channel offset = ±4 MHz (2 and
3 Mbps)
--
-50
-40
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com