Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712CLGEFL/RV Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/RV
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/RV Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
33
JACK INSERTION AND AUTO-SWITCHING
In a phone application, a BTL ear speaker may be connected across OUT3 and HPOUTL, and a
stereo headphone on HPOUTL and HPOUTR. Typically, only one of these two output devices is used
at any given time: when no headphone is plugged in, the BTL ear speaker is active, otherwise the
headphone is used.
The presence of a headphone can be detected using GPIO1 (pin 44) and an external pull-up resistor
(see “Applications Information” section for a circuit diagram). When the jack is inserted GPIO1 is
pulled low by a switch on the socket. When the jack is removed GPIO1 is pulled high by a resistor. If
the JIEN bit is set, the WM9712L automatically switches between headphone and ear speaker, as
shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
58h
Additional
Functional
Control
12
JIEN
0
Jack Insert Enable – Takes output of GPIO1
logic
11
FRC
0
Force Ear Speaker Mode
See table below
Table 20 Jack Insertion / Auto-Switching (1)
JIEN
FRC
GPIO1 MODE DESCRIPTION
0
0
X
Jack insert detection disabled
(headphone and ear speaker
can be used at the same
time)
Set by
reg.
24h
and
26h
1
0
0
Jack insert detection enabled,
headphone plugged in
1
X
1
Jack insert detection enabled,
headphone not plugged in
Set by
reg.
24h
and
26h
Set by
reg.
16h
0
1
X
Force Ear Speaker Mode
1
1
X
Invalid; do not use this setting
Table 21 Jack Insertion / Auto-Switching (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com