Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712CLGEFL/RV Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/RV
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/RV Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
32
PHONE OUTPUT (MONOOUT)
The MONOOUT output (pin 33) is intended for connection to the TX side of a wireless chipset. The
signal is generated in a dedicated mono mixer; it is not necessarily a mono mix of the stereo outputs
HPOUTL/R or LOUT2/ROUT2 (see “Audio Mixers” section).
The MONOOUT volume can be controlled by writing to register 06h. When MONOOUT is not used,
the output buffer can be disabled to save power (see “Power Management” section). The MONOOUT
pin remains at the same DC level (the reference voltage on the VREF pin), so that no click noise is
produced when muting or un-muting.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
06h
MONOOUT
Volume
15
MUTE
1
Mute MONOOUT
1: Mute
0: No Mute
7
ZC
0
Zero Cross Enable
0: Change gain immediately
1: Change gain only on zero crossings,
or after time-out
4:0
MONOOUT
VOL
00000
(0dB)
MONOOUT Volume
00000: 0dB (maximum)
00001: -1.5dB
… (1.5dB steps)
11111: -46.5dB
Table 18 MONOOUT Control
THERMAL SENSOR
The speaker and headphone outputs can drive very large currents. To protect the WM9712L from
becoming too hot, a thermal sensor has been built in. If the chip temperature reaches approximately
150
C, and the ENT bit is set, the WM9712L deasserts GPIO bit 11 in register 54h, a virtual GPIO
that can be set up to generate an interrupt to the CPU (see “GPIO and Interrupt Control” section).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5Ch
2
ENT
0
Enable thermal sensor
0: Disabled
1: Enabled
54h
11
TI
1
Thermal sensor (virtual GPIO)
1: Temperature below 150
C
0: Temperature above 150
C
See also “GPIO and Interrupt Control” section.
Table 19 Thermal Cutout Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com