Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712CLGEFL/RV Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/RV
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/RV Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/RV Datasheet HTML 69Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 70Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 71Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 72Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 73Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 74Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 75Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 76Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
73
AC-COUPLED HEADPHONE OUTPUT
The circuit diagram below shows how to connect a stereo headphone to the WM9712L.
C2 220uF
HPOUTL
HPOUTR
HPGND = 0V
C1 220uF
WM9712L
Figure 25 Simple Headphone Output Circuit Diagram
The DC blocking capacitors C1 and C2 together with the load resistance determine the lower cut-off
frequency, fc. Increasing the capacitance lowers fc, improving the bass response. Smaller
capacitance values will diminish the bass response. For example, with a 16
 load and C1 = 220F:
fc = 1 / 2
 RLC1 = 1 / (2 x 16 x 220F) = 45 Hz
DC COUPLED (CAPLESS) HEADPHONE OUTPUT
In the interest of saving board space and cost, it may be desirable to eliminate the 220
F DC blocking
capacitors. This can be achieved by using OUT3 as a headphone pseudo-ground, as shown below.
WM9712L
HPOUTL
HPOUTR
OUT3 = AVDD/2
Figure 26 Capless Headphone Output Circuit Diagram (OUT3SRC = 10)
As the OUT3 pin produces a DC voltage of AVDD/2, there is no DC offset between
HPOUTL/HPOUTR and OUT3, and therefore no DC blocking capacitors are required. However, this
configuration has some drawbacks:
The power consumption of the WM9712L is increased, due to the additional power
consumed in the OUT3 output buffer.
If the DC coupled output is connected to the line-in of a grounded piece of equipment,
then OUT3 becomes short-circuited. Although the built-in short circuit protection will
prevent any damage to the WM9712L, the audio signal will not be transmitted properly.
OUT3 cannot be used for another purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com