Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712CLGEFL/RV Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/RV
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/RV Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 78 page
background image
WM9712L
Production Data
w
PD, Rev 4.6, November 2011
46
Setting DEL to ‘1111’ reduces the settling time to zero, i.e. measurements begin immediately. This
mode is intended for fast sampling on AUX inputs. It is NOT intended for touchpanel digitisation.
There are several side-effects when DEL is set to ‘1111’:
Co-ordinate mode does not work, i.e. the WM9712L behaves as if COO = 0, even if COO
= 1 (see “Measurement Types”)
If X / Y co-ordinate or touch pressure measurements are selected (ADCSEL = 001, 010 or
011), then the switch matrix is constantly on, and current constantly flows in the
touchpanel. This increases power consumption in the system, and is therefore not
recommended for battery powered systems
In continuous mode (CTC = 1), setting DEL = 1111 increases the sampling rate of the
touchpanel ADC (see “Initiation of Measurements”)
MASK INPUT CONTROL
Sources of glitch noise, such as the signals driving an LCD display, may feed through to the
touchscreen plates and affect measurement accuracy. In order to minimise this effect, a signal may
be applied to MASK (pin 47) to delay or synchronise the sampling of any input to the ADC. The effect
of the MASK signal depends on the the MSK[1-0] bits of register 78h, as described below.
MSK[1-0]
EFFECT OF SIGNAL ON MASK PIN
00
Mask has no effect on conversions GPIO input disabled (default)
01
Static; ‘hi’ on MASK pin stops conversions, ‘lo’ has no effect.
10
Edge triggered; rising or falling edge on MASK pin delays conversions
by an amount set in the DEL[3-0] register. Conversions are asynchronous to
the MASK signal.
11
Synchronous mode; conversions wait until rising or falling edge on MASK
initiates cycle; screen starts to be driven when the edge arrives, the
conversion sample being taken a period set by DEL[3-0] after the edge.
Table 33 Controlling the MASK Feature
Note that pin 47 can also be used as a GPIO(see “GPIO and Interrupt Control” section), or to output
the ADA signal (see below).
THE ADA SIGNAL
Whenever data becomes available from the touchpanel ADC, the internal ADA (ADC Data Available)
signal goes high and remains high until the data has been read from register 7Ah (if SLEN = 0) or
until it has been sent out on an AC-Link slot (if SLEN = 1).
ADA can be used to generate an interrupt, if the AW bit (register 52h, bit 12) is set (see “GPIO and
interrupt control” section)
It is also possible to output the ADA signal on pin 47, if this pin is not used as a GPIO. The GE4 bit
(register 56h, bit 12) must be set to ‘0’ to achieve this (see “GPIO and interrupt control” section).
Alternatively, ADA can be read from bit 12 in register 54h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com