Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712CLGEFL/RV Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/RV
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/RV Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
19
AUDIO ADC
The WM9712L has a stereo sigma-delta ADC to digitize audio signals. The ADC achieves high quality
audio recording at low power consumption. The ADC sample rate can be controlled by writing to a
control register (see “Variable Rate Audio”). It is independent of the DAC sample rate.
To save power, the left and right ADCs can be separately switched off using the PD11 and PD12 bits,
whereas PR0 disables both ADCs (see “Power Management” section). If only one ADC is running, the
same ADC data appears on both the left and right AC-Link slots.
HIGH PASS FILTER
The WM9712L audio ADC incorporates a digital high-pass filter that eliminates any DC bias from the
ADC output data. The filter is enabled by default. For DC measurements, it can be disabled by writing
a ‘1’ to the HPF bit (register 5Ch, bit 3).
ADC SLOT MAPPING
By default, the output of the left audio ADC appears on slot 3 of the SDATAIN signal (pin 8), and the
right ADC data appears on slot 4. However, the ADC output data can also be sent to other slots, by
setting the ASS (ADC slot select) control bits as shown below.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5Ch
Additional
Function
Control
1:0
ASS
00
ADC to slot mapping
00: Left = Slot 3, Right = Slot 4 (default)
01: Left = Slot 7, Right = Slot 8
10: Left = Slot 6, Right = Slot 9
11: Left = Slot 10, Right = Slot 11
3
HPF
0
High-pass filter disable
0: Filter enabled (for audio)
1: Filter disabled (for DC measurements)
Table 6 ADC Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com