Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9712CLGEFL/RV Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM9712CLGEFL/RV
Description  AC??7 Audio and Touchpanel CODEC
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9712CLGEFL/RV Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM9712CLGEFL/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM9712CLGEFL/RV Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
Production Data
WM9712L
w
PD, Rev 4.6, November 2011
49
The WM9712L has two on-chip comparators that can be used to implement a battery alarm function,
or other functions such as a window comparator. Each comparator has one of its inputs tied to any
one of three device pins and the other tied to a voltage reference. The voltage reference can be either
internally generated (VREF = AVDD/2) or externally connected on AUX4 (pin 12).
The comparator output signals are passed to the GPIO logic block (see “GPIO and Interrupt Control”
section), where they can be used to send an interrupt to the CPU via the AC-Link or via the IRQ pin,
and / or to wake up the WM9712L from sleep mode. COMP1/AUX1 (pin 29) corresponds to GPIO bit
15 and COMP2/AUX2 (pin30) to bit 14.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4Eh
15
CP1
1
COMP1 Polarity (see also “GPIO and Interrupt
Control”)
0: Alarm when COMP1 voltage is below VREF
1: Alarm when COMP1 voltage is above VREF
14
CP2
1
COMP2 Polarity (see also “GPIO and Interrupt
Control”)
0: Alarm when COMP2 voltage is below VREF
1: Alarm when COMP2 voltage is above VREF
58h
15:13
COMP2
DEL
0
Low Battery Alarm Delay
000: No delay
001: 0.17s (2
13 = 8192 AC-Link frames)
010: 0.34s (2
14 = 16384 AC-Link frames)
011: 0.68s (2
15 = 32768 AC-Link frames)
100: 1.4s (2
16 = 65536 AC-Link frames)
101: 2.7s (2
17 = 131072 AC-Link frames)
110: 5.5s (2
18 = 262144 AC-Link frames)
111: 10.9s (2
19 = 524288 AC-Link frames)
Table 35 Comparator Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5Ch
Additional
Analogue
Functions
14
C1REF
0
Comparator 1 Reference Voltage
0
VREF = AVDD/2
1
WIPER/AUX4 (pin 12)
13:12
C1SRC
00
Comparator 1 Signal Source
00
AVDD/2 when C1REF=’1’. Otherwise
comparator 1 is powered down
01
COMP1/AUX1 (pin 29)
10
COMP2/AUX2 (pin 30)
11
BMON/AUX3 (pin 31)
11
C2REF
0
Comparator 2 Reference Voltage
0
VREF = AVDD/2
1
WIPER/AUX4 (pin 12)
10:9
C2SRC
00
Comparator 2 Signal Source
00
AVDD/2 when C2REF=’1’. Otherwise
comparator 2 is powered down
01
COMP1/AUX1 (pin 29)
10
COMP2/AUX2 (pin 30)
11
BMON/AUX3 (pin 31)
Table 36 Comparator Reference and Source Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com