Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ128GA310 Datasheet(PDF) 160 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 160 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 156Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 157Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 158Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 159Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 160Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 161Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 162Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 163Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 164Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 160
 2010-2011 Microchip Technology Inc.
If a MCLR Reset event occurs during Deep Sleep, the
DSGPRx, DSCON and DSWAKE registers will remain
valid, and the RELEASE bit will remain set. The state
of the SOSC will also be retained. The I/O pins,
however, will be reset to their MCLR Reset state. Since
RELEASE is still set, changes to the SOSCEN bit
(OSCCON<1>) cannot take effect until the RELEASE
bit is cleared.
In all other Deep Sleep wake-up cases, application
firmware must clear the RELEASE bit in order to
reconfigure the I/O pins.
10.4.5
DEEP SLEEP WDT
To enable the DSWDT in Deep Sleep mode, program
the Configuration bit, DSWDTEN (CW4<7>). The
device WDT need not be enabled for the DSWDT to
function. Entry into Deep Sleep modes automatically
reset the DSWDT.
The DSWDT clock source is selected by the
DSWDTOSC Configuration bit (CW4<4>). The post-
scaler options are programmed by the DSWDPS<4:0>
Configuration bits (FDS<3:0>). The minimum time-out
period that can be achieved is 1 ms and the maximum is
25.7 days. For more details on the FDS Configuration
register and DSWDT configuration options, refer to 29.0
“Special Features”
.
10.4.5.1
Switching Clocks in Deep Sleep
Mode
Both the RTCC and the DSWDT may run from either
SOSC or the LPRC clock source. This allows both the
RTCC and DSWDT to run without requiring both the
LPRC and SOSC to be enabled together, reducing
power consumption.
Running the RTCC from LPRC will result in a loss of
accuracy in the RTCC, of approximately 5 to 10%. If a
more accurate RTCC is required, it must be run from
the SOSC clock source. The RTCC clock source is
selected with the RTCOSC Configuration bit (FDS<5>).
Under certain circumstances, it is possible for the
DSWDT clock source to be off when entering Deep
Sleep mode. In this case, the clock source is turned on
automatically (if DSWDT is enabled), without the need
for software intervention. However, this can cause a
delay in the start of the DSWDT counters. In order to
avoid this delay when using SOSC as a clock source,
the application can activate SOSC prior to entering
Deep Sleep mode.
10.4.6
CHECKING AND CLEARING THE
STATUS OF DEEP SLEEP
Upon entry into Deep Sleep mode, the status bit,
DPSLP (RCON<10>), becomes set and must be
cleared by the software.
On power-up, the software should read this status bit to
determine if the Reset was due to an exit from Deep
Sleep mode, and clear the bit if it is set. Of the four
possible combinations of DPSLP and POR bit states,
three cases can be considered:
• Both the DPSLP and POR bits are cleared. In this
case, the Reset was due to some event other
than a Deep Sleep mode exit.
• The DPSLP bit is clear, but the POR bit is set; this
is a normal POR.
• Both the DPSLP and POR bits are set. This
means that Deep Sleep mode was entered, the
device was powered down and Deep Sleep mode
was exited.
10.4.7
POWER-ON RESETS (PORs)
VDD voltage is monitored to produce PORs. Since
exiting from Deep Sleep mode functionally looks like a
POR, the technique described in Section 10.4.6
“Checking and Clearing the Status of Deep Sleep”
should be used to distinguish between Deep Sleep and
a true POR event. When a true POR occurs, the entire
device, including all Deep Sleep logic (Deep Sleep
registers, RTCC, DSWDT, etc.) is reset.
10.5
V
BAT
Mode
This mode represents the lowest power state that the
microcontroller can achieve and still resume operation.
VBAT mode is automatically triggered when the micro-
controller’s main power supply on VDD fails. When this
happens, the microcontroller’s on-chip power switch
connects to a back-up power source, such as a battery,
supplied to the VBAT pin. This maintains a few key
systems at an extremely low-power draw until VDD is
restored.
The power supplied on VBAT only runs two systems: the
RTCC and the Deep Sleep Semaphore registers
(DSGPR0 and DSGPR1). To maintain these systems
during a sudden loss of VDD, it is essential to connect a
power source, other than VDD or AVDD, to the VBAT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com