Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC833LP6GE Datasheet(PDF) 39 Page - Hittite Microwave Corporation

Part # HMC833LP6GE
Description  Built in Digital Self Test
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC833LP6GE Datasheet(HTML) 39 Page - Hittite Microwave Corporation

Back Button HMC833LP6GE Datasheet HTML 35Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 36Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 37Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 38Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 39Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 40Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 41Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 42Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 43Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
39
HMC833LP6GE
v01.1012
FRACTIONAL-N PLL WITH INTEGRATED VCO
25 - 6000 MHz
and to decide which data to export from the chip.
In its default configuration, after power-on-reset, the output driver is disabled, and only drives during
appropriately addressed SPI reads. This allows it to share the output with other devices on the same bus.
Depending on the SPI mode, the read section of SPI cycle is recognized differently
HMC SPI Mode: The driver is enabled during the last 24 bits of SPI READ cycle (not during write
cycles).
Open SPI Mode: The driver is enabled if the chip is addressed - ie. The last 3 bits of SPI cycle =
‘000’b before the rising edge of SEN (Note A).
To monitor any of the GPO signals, including Lock Detect, set Reg 0Fh[7] = 1 to keep the SDO driver
always on. This stops the LDO driver from tri-stating and means that the SDO line cannot be shared with
other devices.
The chip will naturally switch away from the GPO data and export the SDO during an SPI read (Note B). To
prevent this automatic data selection, and always select the GPO signal, set “Prevent AutoMux of SDO”
(Reg 0Fh[6] = 1). The phase noise performance at this output is poor and uncharacterized. Also, the GPO
output should not be toggling during normal operation. Otherwise the spectral performance may degrade.
Note that there are additional controls available, which may be helpful if sharing the bus with other devices:
•
To allow the driver to be active (subject to the conditions above) even when the chip is disabled - set
Reg 01h[7] = 0.
•
To disable the driver completely, set Reg 08h[5] = 0 (it takes precedence over all else).
•
To disable either the pull-up or pull-down sections of the driver, Reg 0Fh[8] = 1 or Reg 0Fh[9] = 1
respectively.
Note A: If SEN rises before SCK has clocked in an ‘invalid’ (non-zero) chip -address, the HMC833LP6GE
will start to drive the bus.
Note B: In Open Mode, the active portion of the read is defined between the 1st SCK rising edge after
SEN, to the next rising edge of SEN.
Example Scenarios:
•
Drive SDO during reads, tri-state otherwise (to allow bus-sharing)
•
No action required.
•
Drive SDO during reads, Lock Detect otherwise
•
Set GPO Select Reg 0Fh[4:0] = ‘00001’ (which is default)
•
Set “Prevent GPO driver disable” (Reg 0Fh[7] = 1)
•
Always drive Lock Detect
•
Set “ Prevent AutoMux of SDO” Reg 0Fh[6] = 1
•
Set GPO Select Reg 0Fh[4:0]= 00001 (which is default)
•
Set “Prevent GPO driver disable” (Reg 0Fh[7] = 1))
The signals available on the GPO are selected by changing “GPO Select”, Reg 0Fh[4:0].
1.17
SERIAL PORT
1.17.1
Serial Port Modes of Operation
The HMC833LP6GE serial port interface can operate in two different modes of operation.
a. HMCSPI HMC Mode (HMC Legacy Mode) - Single slave per HMCSPI Bus
b. HMCSPI Open Mode - Up to 8 slaves per HMCSPI Bus.
Both Modes support 5-bits of register address space. HMC Mode can support up to 6 bits of register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com