Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC833LP6GE Datasheet(PDF) 49 Page - Hittite Microwave Corporation

Part # HMC833LP6GE
Description  Built in Digital Self Test
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC833LP6GE Datasheet(HTML) 49 Page - Hittite Microwave Corporation

Back Button HMC833LP6GE Datasheet HTML 45Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 46Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 47Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 48Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 49Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 50Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 51Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 52Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 53Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
49
HMC833LP6GE
v01.1012
FRACTIONAL-N PLL WITH INTEGRATED VCO
25 - 6000 MHz
2.5
Reg 03h Frequency Register - Integer Part
(Default 000019h)
Bit
Type
Name
Width
Default
Description
[18:0]
R/W
intg
19
25d
VCO Divider Integer part, used in all modes, see (EQ 13)
Fractional Mode
min 20d
max 219 -4 = 7FFFCh = 524,284d
Integer Mode
min 16d
max 219-1 = 7FFFFh = 524,287d
2.6
Reg 04h Frequency Register - Fractional Part
(Default 000000h)
Bit
Type
Name
Width
Default
Description
[23:0]
R/W
frac
24
0
VCO Divider Fractional part (24-bit unsigned) see
Fractional Frequency Tuning
Used in Fractional Mode only (Nfrac= Reg 04h/224
min 0d
max 224-1
2.7
Reg 05h VCO SPI Register
(Default 000000h)
Bit
Type
Name
Width
Default
Description
[2:0]
R/W
VCO Subsystem_ID,
3
0
Internal VCO Subsystem ID
[6:3]
R/W
VCO Subsystem register address
4
0
For interfacing with the VCO please see section
1.19.
[15:7]
R/W
VCO Subsystem data
9
0
Note: Reg05h is a special register used for indirect addressing of the VCO subsystem. Writes to Reg05h are
automatically forwarded to the VCO subsystem by the VCO SPI state machine controller.
Reg05h is a Read-Write register. However, Reg05h only holds the contents of the last transfer to the VCO subsystem.
Hence it is not possible to read the full contents of the VCO subsystem. Only the content of the last transfer to the
VCO subsystem can be read. Please take note special considerations for AutoCal related to Reg05h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com