Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC833LP6GE Datasheet(PDF) 32 Page - Hittite Microwave Corporation

Part # HMC833LP6GE
Description  Built in Digital Self Test
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC833LP6GE Datasheet(HTML) 32 Page - Hittite Microwave Corporation

Back Button HMC833LP6GE Datasheet HTML 28Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 29Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 30Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 31Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 32Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 33Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 34Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 35Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 36Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
32
HMC833LP6GE
v01.1012
FRACTIONAL-N PLL WITH INTEGRATED VCO
25 - 6000 MHz
with a phase offset. A phase offset is implemented by adding a constant DC offset current at the output of
the charge pump.
DC offset may be added to the UP or DN switching pumps using Reg 09h[21] or Reg 09h[22]. The
magnitude of the offset is controlled by Reg 09h[20:14], and can range from 0 to 635 µA in steps of 5 µA.
Down offset is highly recommended in fractional mode of operation. Integer mode of operation works best
with zero offset.
As an example, a PD comparison of fPD = 50 MHz (20 ns period) with the main pump gain set at 2 mA, and
a down (DN) offset of -385 µA would represent a phase offset of about (-385/2000)*360 = -69 degrees.
This is equivalent to the divided VCO arriving 3.8 ns after the reference at the PD input. It is critical that
phase offset be used in fractional mode. Normally, down offsets larger than 3 ns are typical.
If the charge pump gain is changed, for example to compensate for changes in VCO sensitivity, it is
recommended to change the charge pump offset proportionally to maintain a constant phase offset.
Figure 47. Charge Pump Gain & Offset Control
1.12
Frequency Tuning
HMC833LP6GE VCO subsystem always operates in fundamental frequency of operation (1500 MHz to
3000 MHz). The HMC833LP6GE generates frequencies below its fundamental frequency (25 MHz to
1500 MHz) by tuning to the appropriate fundamental frequency and selecting the appropriate Output
Divider setting (divide by 2/4/6.../60/62) in VCO_Reg 02h[5:0]. Conversely the HMC833LP6GE generates
frequencies greater than its fundamental frequency (3000 MHz to 6000 MHz) by tuning to the appropriate
fundamental frequency and enabling the doubler mode (VCO_Reg 03h [0] = 1).
The HMC833LP6GE automatically controls frequency tuning in the fundamental band of operation, for
more information see “1.2.1 VCO Auto-Calibration (AutoCal)”.
To tune to frequencies below the fundamental frequency range (<1500 MHz) it is required to tune the
HMC833LP6GE to the appropriate fundamental frequency, then select the appropriate output divider setting
(divide by 2/4/6.../60/62) in VCO_Reg 02h[5:0]. Similarly, to tune to frequencies above the fundamental
frequency range (> 3000 MHz) it is required to tune the HMC833LP6GE to the appropriate fundamental
frequency, and then enable the doubler mode of operation (VCO_Reg 03h [0] = 1).
1.12.1 Integer Mode
The HMC833LP6GE is capable of operating in integer mode. For Integer mode set the following registers
a. Disable the Fractional Modulator, Reg 06h[11]=0
b. Bypass the Modulator circuit, Reg 06h[7]=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com