Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC833LP6GE Datasheet(PDF) 13 Page - Hittite Microwave Corporation

Part # HMC833LP6GE
Description  Built in Digital Self Test
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC833LP6GE Datasheet(HTML) 13 Page - Hittite Microwave Corporation

Back Button HMC833LP6GE Datasheet HTML 9Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 10Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 11Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 12Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 13Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 14Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 15Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 16Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 17Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
13
HMC833LP6GE
v01.1012
FRACTIONAL-N PLL WITH INTEGRATED VCO
25 - 6000 MHz
HMC833LP6GE Application Information
Large bandwidth (25 MHz to 6000 MHz), industry leading phase noise and spurious performance, excellent noise floor
(<-170 dBc/Hz), coupled with a high level of integration make the HMC833LP6GE ideal for a variety of applications; as
an RF or IF stage LO, a clock source for high-frequency data-converters, or a tunable reference source for extremely
low spurious applications (< -100 dBc/Hz spurs).
Figure 27. HMC833LP6GE in a typical transmit chain
Figure 28. HMC833LP6GE in a typical receive chain
Figure 29. HMC830LP6GE used as a tunable reference for HMC833LP6GE
Using the HMC833LP6GE with a tunable reference as shown in Figure 25, it is possible to drastically improve spurious
emissions performance across all frequencies. Example shown in Figure 20 graph shows that it is possible to have
spurious emissions < -100 dBc/Hz across all frequencies. For more information about spurious emissions, how they
are related to the reference frequency, and how to tune the reference frequency for optimal spurious performance
please see the “Fractional Operation and Spurious” section of this data sheet. Note that at very low output frequencies
< 100 MHz, harmonics increase due to small internal AC coupling. Applications which are sensitive to harmonics may
require external low pass filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com