Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC833LP6GE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC833LP6GE
Description  Built in Digital Self Test
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC833LP6GE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC833LP6GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 6Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 7Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 8Page - Hittite Microwave Corporation HMC833LP6GE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC833LP6GE
v01.1012
FRACTIONAL-N PLL WITH INTEGRATED VCO
25 - 6000 MHz
Parameter
Condition
Min.
Typ.
Max.
Units
PLL RF Divider Characteristics
19-Bit N-Divider Range (Integer)
Max = 219 - 1
16
524,287
19-Bit N-Divider Range (Fractional)
Fractional nominal divide ratio
varies (-3 / +4) dynamically
max
20
524,283
REF Input Characteristics
Max Ref Input Frequency
350
MHz
Ref Input Voltage
AC Coupled [3]
1
2
3.3
Vp-p
Ref Input Capacitance
5
pF
14-Bit R-Divider Range
1
16,383
Phase Detector (PD) [4]
PD Frequency Fractional Mode B
[5]
DC
100
MHz
PD Frequency Fractional Mode A (and Regis-
ter 6 [17:16] = 11)
DC
80
MHz
PD Frequency Integer Mode
DC
125
MHz
Charge Pump
Output Current
0.02
2.54
mA
Charge Pump Gain Step Size
20
µA
PD/Charge Pump SSB Phase Noise
50 MHz Ref, Input Referred
1 kHz
-143
dBc/Hz
10 kHz
Add 1 dB for Fractional
-150
dBc/Hz
100 kHz
Add 3 dB for Fractional
-153
dBc/Hz
Logic Inputs
Vsw
40
50
60
% DVDD
Logic Outputs
VOH Output High Voltage
DVDD
V
VOL Output Low Voltage
0
V
Output Impedance
100
200
Ω
Maximum Load Current
1.5
mA
Power Supply Voltages
3.3 V Supplies
AVDD, VCCHF, VCCPS,
VCCPD, RVDD,DVDD
3.0
3.3
3.5
V
5 V Supplies
VPPCP, VDDLS, VCC1, VCC2
4.8
5
5.2
V
Power Supply Currents
+5 V Analog Charge Pump
VPPCP, VDDCP
8
mA
+5 V VCO Core and VCO Buffer
fo/1 Mode VCC2
105
mA
fo/N Mode VCC2
80
mA
+5 V VCO Divider and RF/PLL Buffer
fo/1 Mode VCC1
25
mA
fo/N Mode VCC1
80
100
mA
Electrical Specifications (Continued)
[3] Measured with 100 Ω external termination. See “Reference Input Stage” section for more details.
[4] Slew rate of greater or equal to 0.5 ns/V is recommended, see “Reference Input Stage” section for more details. Frequency is guaranteed across
process voltage and temperature from -40 °C to 85 °C.
[5] This maximum phase detector frequency can only be achieved if the minimum N value is respected. eg. In the case of fractional B mode, the
maximum PFD rate = fvco/20 or 100 MHz, whichever is less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com