Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6482 Datasheet(PDF) 62 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 58Page - STMicroelectronics L6482 Datasheet HTML 59Page - STMicroelectronics L6482 Datasheet HTML 60Page - STMicroelectronics L6482 Datasheet HTML 61Page - STMicroelectronics L6482 Datasheet HTML 62Page - STMicroelectronics L6482 Datasheet HTML 63Page - STMicroelectronics L6482 Datasheet HTML 64Page - STMicroelectronics L6482 Datasheet HTML 65Page - STMicroelectronics L6482 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
Programming manual
L6482
62/73
Doc ID 023768 Rev 2
9.2.2
Nop
Nothing is performed.
9.2.3
SetParam (PARAM, VALUE)
The SetParam command sets the PARAM register value equal to VALUE; PARAM is the
respective register address listed in Table 11.
The command should be followed by the new register VALUE (most significant byte first).
The number of bytes composing the VALUE argument depends on the length of the target
register (see Table 11).
Some registers cannot be written (see Table 11); any attempt to write one of those registers
causes the command to be ignored and the WRONG_CMD flag to rise at the end of the
command byte, as if an unknown command code were sent (see Section 9.1.21).
Some registers can only be written in particular conditions (see Table 11); any attempt to
write one of those registers when the conditions are not satisfied causes the command to be
ignored and the NOTPERF_CMD flag to rise at the end of the last argument byte (see
Section 9.1.21).
Any attempt to set an inexistent register (wrong address value) causes the command to be
ignored and the WRONG_CMD flag to rise at the end of the command byte as if an
unknown command code were sent.
9.2.4
GetParam (PARAM)
Table 48.
Nop command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
000000
From host
Table 49.
SetParam command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
PARAM
From host
VALUE Byte 2 (if needed)
VALUE Byte 1 (if needed)
VALUE Byte 0
Table 50.
GetParam command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
1
PARAM
from host
ANS Byte 2 (if needed)
to host
ANS Byte 1 (if needed)
to host
ANS Byte 0
to host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com