Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6482 Datasheet(PDF) 65 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 61Page - STMicroelectronics L6482 Datasheet HTML 62Page - STMicroelectronics L6482 Datasheet HTML 63Page - STMicroelectronics L6482 Datasheet HTML 64Page - STMicroelectronics L6482 Datasheet HTML 65Page - STMicroelectronics L6482 Datasheet HTML 66Page - STMicroelectronics L6482 Datasheet HTML 67Page - STMicroelectronics L6482 Datasheet HTML 68Page - STMicroelectronics L6482 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
L6482
Programming manual
Doc ID 023768 Rev 2
65/73
This command can be given only when the previous motion command has been completed
(BUSY flag released).
Any attempt to perform a GoTo command when a previous command is under execution
(BUSY low) causes the command to be ignored and the NOTPERF_CMD flag to rise
(Section 9.1.21).
9.2.9
GoTo_DIR (DIR, ABS_POS)
The GoTo_DIR command produces a motion to the ABS_POS absolute position imposing a
forward (DIR = '1') or a reverse (DIR = '0') rotation. The ABS_POS value is always in
agreement with the selected step mode; the parameter value unit is equal to the selected
step mode (full, half, quarter, etc.).
The GoTo_DIR command keeps the BUSY flag low until the target speed is reached. This
command can be given only when the previous motion command has been completed
(BUSY flag released).
Any attempt to perform a GoTo_DIR command when a previous command is under
execution (BUSY low) causes the command to be ignored and the NOTPERF_CMD flag to
rise (Section 9.1.21).
9.2.10
GoUntil (ACT, DIR, SPD)
The GoUntil command produces a motion at SPD speed imposing a forward (DIR = '1') or a
reverse (DIR = '0') direction. When an external switch turn-on event occurs (Section 6.14),
the ABS_POS register is reset (if ACT = '0') or the ABS_POS register value is copied into
the MARK register (if ACT = '1'); the system then performs a SoftStop command.
The SPD value is expressed in step/tick (format unsigned fixed point 0.28) that is the same
format as the SPEED register (Section 9.1.4).
The SPD value should be lower than MAX_SPEED and greater than MIN_SPEED,
otherwise the target speed is imposed at MAX_SPEED or MIN_SPEED respectively.
Table 55.
GoTo_DIR command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01
10
10
0
DIR
from host
X
X
ABS_POS (Byte 2)
from host
ABS_POS (Byte 1)
from host
ABS_POS (Byte 0)
from host
Table 56.
GoUntil command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
0
0
0
ACT
0
1
DIR
from host
X
X
X
X
SPD (Byte 2)
from host
SPD (Byte 1)
from host
SPD (Byte 0)
from host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com