Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6482 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 32Page - STMicroelectronics L6482 Datasheet HTML 33Page - STMicroelectronics L6482 Datasheet HTML 34Page - STMicroelectronics L6482 Datasheet HTML 35Page - STMicroelectronics L6482 Datasheet HTML 36Page - STMicroelectronics L6482 Datasheet HTML 37Page - STMicroelectronics L6482 Datasheet HTML 38Page - STMicroelectronics L6482 Datasheet HTML 39Page - STMicroelectronics L6482 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
Phase current control
L6482
36/73
Doc ID 023768 Rev 2
As shown in Figure 17, the system is able to center the triangular wave on the desired
reference value, improving dramatically the accuracy of the current control system: in fact
the average value of a triangular wave is exactly equal to the middle point of each of its
segment and at steady-state the predictive current control tends to equalize the duration of
the tSENSE and the tPRED time.
Furthermore, the tOFF value is recalculated each time a new current value is requested
(microstep change) in order to keep the PWM frequency as near as possible to the
programmed one (TSW parameter in the CONFIG register).
The device can be forced to work using classic peak current control setting low the
PRED_EN bit in the CONFIG register (default condition). In this case, after the sense phase
(tSENSE) the power stage is set in OFF state, as shown in Figure 18.
Figure 18.
Non-predictive current control
7.2
Auto-adjusted decay mode
During the current control, the device automatically selects the better decay mode in order
to follow the current profile reducing the current ripple.
At reset, the off-time is performed turning on both the low-side MOS of the power stage and
the current recirculates in the lower half of the bridge (slow decay).
If, during a PWM cycle, the target current threshold is reached in a time shorter than the
TON_MIN value, a fast decay of TOFF_FAST/8 (T_FAST register) is immediately performed
turning on the opposite MOS of both half-bridges and the current recirculates back to the
supply bus.
After this time, the bridge returns to ON state: if the time needed to reach the target current
value is still less than TON_MIN, a new fast decay is performed with a period twice the
previous one. Otherwise, the normal control sequence is followed as described in
Section 7.1. The maximum fast decay duration is set by the TOFF_FAST value.
sense ON
state
OFF
state
tOFF
tOFF
Iref
Iout
AM15049v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com