Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6482 Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 31Page - STMicroelectronics L6482 Datasheet HTML 32Page - STMicroelectronics L6482 Datasheet HTML 33Page - STMicroelectronics L6482 Datasheet HTML 34Page - STMicroelectronics L6482 Datasheet HTML 35Page - STMicroelectronics L6482 Datasheet HTML 36Page - STMicroelectronics L6482 Datasheet HTML 37Page - STMicroelectronics L6482 Datasheet HTML 38Page - STMicroelectronics L6482 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
L6482
Phase current control
Doc ID 023768 Rev 2
35/73
7
Phase current control
The L6482 performs a new current control technique, named predictive current control,
allowing the device to obtain the target average phase current. This method is described in
detail in Section 7.1. Furthermore, the L6482 automatically selects the better decay mode in
order to follow the current profile.
Current control algorithm parameters can be programmed by T_FAST, TON_MIN,
TOFF_MIN and CONFIG registers (see Section 9.1.11, 9.1.12, 9.1.13 and 9.1.20 for
details).
Different current amplitude can be set for acceleration, deceleration and constant speed
phases and when the motor is stopped through TVAL_ACC, TVAL_DEC, TVAL_RUN and
TVAL_HOLD registers (see Section 9.1.10). The output current amplitude can also be
regulated by the ADCIN voltage value (see Section 7.4).
Each bridge is driven by an independent control system that shares with the other bridge the
control parameters only.
7.1
Predictive current control
Unlike classical peak current control systems, that make the phase current decay when the
target value is reached, this new method keeps the power bridge ON for an extra time after
reaching the current threshold.
At each cycle the system measures the time required to reach the target current (tSENSE).
After that the power stage is kept in a “predictive” ON state (tPRED) for a time equal to the
mean value of tSENSE in the last two control cycles (actual one and previous one), as
shown in Figure 17.
Figure 17.
Predictive current control
At the end of the predictive ON state the power stage is set in OFF state for a fixed time, as
in a constant tOFF current control. During the OFF state both slow and fast decay can be
performed; the better decay combination is automatically selected by the L6482, as
described in Section 7.2.
predictive ON
state
OFF
state
t
SENSE (n-1)
t
OFF
tOFF
t
PRED (n) =
t
SENSE (n-1) + tSENSE(n)
2
Iref
Iout
t
PRED
(n-1)
t
SENSE (n)
t
PRED (n)
AM15048v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com