Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6482 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 1 Page - STMicroelectronics

  L6482 Datasheet HTML 1Page - STMicroelectronics L6482 Datasheet HTML 2Page - STMicroelectronics L6482 Datasheet HTML 3Page - STMicroelectronics L6482 Datasheet HTML 4Page - STMicroelectronics L6482 Datasheet HTML 5Page - STMicroelectronics L6482 Datasheet HTML 6Page - STMicroelectronics L6482 Datasheet HTML 7Page - STMicroelectronics L6482 Datasheet HTML 8Page - STMicroelectronics L6482 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
This is information on a product in full production.
December 2012
Doc ID 023768 Rev 2
1/73
73
L6482
cSPIN™: microstepping motor controller
with motion engine and SPI
Datasheet
− production data
Features
■ Operating voltage: 7.5 V - 85 V
■ Dual full-bridge gate driver for N-channel
MOSFETs
■ Fully programmable gate driving
■ Embedded Miller clamp function
■ Programmable speed profile
■ Up to 1/16 microstepping
■ Advanced current control with auto-adaptive
decay mode
■ Integrated voltage regulators
■ SPI interface
■ Low quiescent standby currents
■ Programmable non-dissipative overcurrent
protection
■ Overtemperature protection
Applications
■ Bipolar stepper motor
Description
The L6482, realized in analog mixed signal
technology, is an advanced fully integrated
solution suitable for driving two-phase bipolar
stepper motors with microstepping.
It integrates a dual full-bridge gate driver for N-
channel MOSFET power stages with embedded
non-dissipative overcurrent protection. Thanks to
a new current control, a 1/16 microstepping is
achieved through an adaptive decay mode which
outperforms traditional implementations. The
digital control core can generate user defined
motion profiles with acceleration, deceleration,
speed or target position easily programmed
through a dedicated register set. All application
commands and data registers, including those
used to set analog values (i.e. current protection
trip point, deadtime, PWM frequency, etc.) are
sent through a standard 5-Mbit/s SPI. A very rich
set of protections (thermal, low bus voltage,
overcurrent and motor stall) make the L6482
“bullet proof”, as required by the most demanding
motor control applications.
HTSSOP38
Table 1.
Device summary
Order code
Package
Packaging
L6482H
HTSSOP38
Tube
L6482HTR
HTSSOP38
Tape and reel
www.st.com


Similar Part No. - L6482

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6480 STMICROELECTRONICS-L6480 Datasheet
732Kb / 73P
The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
19-Dec-2012
L6480H STMICROELECTRONICS-L6480H Datasheet
732Kb / 73P
The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
19-Dec-2012
L6480HTR STMICROELECTRONICS-L6480HTR Datasheet
732Kb / 73P
The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
19-Dec-2012
logo
Hamamatsu Corporation
L6486 HAMAMATSU-L6486 Datasheet
123Kb / 2P
Plastic package LED for camera auto-focus
More results

Similar Description - L6482

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU39610 NJRC-NJU39610 Datasheet
157Kb / 11P
MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
NJU39612 NJRC-NJU39612 Datasheet
139Kb / 11P
MICROSTEPPING MOTOR CONTROLLER WITH DUAL DAC
logo
Allegro MicroSystems
SLA7042M ALLEGRO-SLA7042M Datasheet
99Kb / 8P
MICROSTEPPING, UNIPOLAR PWM, HIGH-CURRENT MOTOR CONTROLLER/DRIVER
logo
List of Unclassifed Man...
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
Advanced Microstepping Motion Control Chipset
IM2000S ETC-IM2000S Datasheet
142Kb / 16P
HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
logo
STMicroelectronics
L6470 STMICROELECTRONICS-L6470 Datasheet
814Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
19-Jun-2012
EVAL6470H STMICROELECTRONICS-EVAL6470H Datasheet
743Kb / 70P
dSPIN fully integrated microstepping motor driver with motion engine and SPI
20-Dec-2012
logo
Asahi Kasei Microsystem...
AP1021 AKM-AP1021 Datasheet
933Kb / 24P
32V Dual Microstepping Motor Driver IC with SPI
logo
STMicroelectronics
AN3208 STMICROELECTRONICS-AN3208 Datasheet
289Kb / 19P
Microstepping motor drive with STM8A and STM8S microcontrollers
06-Jul-2010
logo
Asahi Kasei Microsystem...
AP1021AEN AKM-AP1021AEN Datasheet
933Kb / 24P
32V Dual Microstepping Motor Driver IC with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com