Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640P30TF75A Datasheet(PDF) 64 Page - Micron Technology

Part # JS28F640P30TF75A
Description  Numonyx짰 Axcell??P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F640P30TF75A Datasheet(HTML) 64 Page - Micron Technology

Back Button JS28F640P30TF75A Datasheet HTML 60Page - Micron Technology JS28F640P30TF75A Datasheet HTML 61Page - Micron Technology JS28F640P30TF75A Datasheet HTML 62Page - Micron Technology JS28F640P30TF75A Datasheet HTML 63Page - Micron Technology JS28F640P30TF75A Datasheet HTML 64Page - Micron Technology JS28F640P30TF75A Datasheet HTML 65Page - Micron Technology JS28F640P30TF75A Datasheet HTML 66Page - Micron Technology JS28F640P30TF75A Datasheet HTML 67Page - Micron Technology JS28F640P30TF75A Datasheet HTML 68Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
64
Order Number: 208033-02
Table 34: System Interface Information
Offset
Length
Description
Add
Hex
Code
Value
1Bh
1
VCC logic supply minimum program/erase voltage
bits 0-3 BCD 100 mV
bits 4-7 BCD volts
1B:
--17
1.7V
1Ch
1
VCC logic supply maximum program/erase voltage
bits 0-3 BCD 100 mV
bits 4-7 BCD volts
1C:
--20
2.0V
1Dh
1
VPP [programming] supply minimum program/erase voltage
bits 0-3 BCD 100 mV
bits 4-7 HEX volts
1D:
--85
8.5V
1Eh
1
VPP [programming] supply maximum program/erase voltage
bits 0-3 BCD 100 mV
bits 4-7 HEX volts
1E:
--95
9.5V
1Fh
1
“n” such that typical single word program time-out = 2n
µ-sec
1F:
--06
64
µs
20h
1
“n” such that typical full buffer write time-out = 2n
µ-sec
20:
--09
512
µs
21h
1
“n” such that typical block erase time-out = 2n m-sec
21:
--09
0.5s
22h
1
“n” such that typical full chip erase time-out = 2n m-sec
22:
--00
NA
23h
1
“n” such that maximum word program time-out = 2n times
typical
23:
--02
256
µs
24h
1
“n” such that maximum buffer write time-out = 2n times
typical
24:
--02
2048
µs
25h
1
“n” such that maximum block erase time-out = 2n times
typical
25:
--03
4s
26h
1
“n” such that maximum chip erase time-out = 2n times typical
26:
--00
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com