Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640P30TF75A Datasheet(PDF) 41 Page - Micron Technology

Part # JS28F640P30TF75A
Description  Numonyx짰 Axcell??P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F640P30TF75A Datasheet(HTML) 41 Page - Micron Technology

Back Button JS28F640P30TF75A Datasheet HTML 37Page - Micron Technology JS28F640P30TF75A Datasheet HTML 38Page - Micron Technology JS28F640P30TF75A Datasheet HTML 39Page - Micron Technology JS28F640P30TF75A Datasheet HTML 40Page - Micron Technology JS28F640P30TF75A Datasheet HTML 41Page - Micron Technology JS28F640P30TF75A Datasheet HTML 42Page - Micron Technology JS28F640P30TF75A Datasheet HTML 43Page - Micron Technology JS28F640P30TF75A Datasheet HTML 44Page - Micron Technology JS28F640P30TF75A Datasheet HTML 45Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
Datasheet
Apr 2010
41
Order Number:208033-02
P30-65nm SBC
bits, as long as the register remains unlocked. Additionally, because the Lock Register
bits themselves are OTP, when programmed, Lock Register bits cannot be erased.
Therefore, when a OTP Register is locked, it cannot be unlocked.
11.3.1
Reading the OTP Registers
The OTP Registers can be read from OTP-RA address. To read the OTP Register, first
issue the Read Device Identifier command at OTP-RA address to place the device in the
Read Device Identifier state (see Section 6.2, “Device Command Bus Cycles” on
page 20). Next, perform a read operation using the address offset corresponding to the
register to be read. Table 8, “Device Identifier Information” on page 22 shows the
address offsets of the OTP Registers and Lock Registers. OTP Registers and Lock
Registers data is read 16 bits at a time.
Figure 14: OTP Register Map
0x89
Lock Register 1
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
0x102
0x109
0x8A
0x91
128-bit OTP Register 16
(User-Programmable)
128-bit OTP Register 1
(User-Programmable)
0x88
0x85
64-bit Segment
(User-Programmable)
0x84
0x81
0x80
Lock Register 0
64-bit Segment
(Factory-Programmed)
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
128-Bit OTP Register 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com