Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640P30TF75A Datasheet(PDF) 79 Page - Micron Technology

Part # JS28F640P30TF75A
Description  Numonyx짰 Axcell??P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F640P30TF75A Datasheet(HTML) 79 Page - Micron Technology

Back Button JS28F640P30TF75A Datasheet HTML 75Page - Micron Technology JS28F640P30TF75A Datasheet HTML 76Page - Micron Technology JS28F640P30TF75A Datasheet HTML 77Page - Micron Technology JS28F640P30TF75A Datasheet HTML 78Page - Micron Technology JS28F640P30TF75A Datasheet HTML 79Page - Micron Technology JS28F640P30TF75A Datasheet HTML 80Page - Micron Technology JS28F640P30TF75A Datasheet HTML 81Page - Micron Technology JS28F640P30TF75A Datasheet HTML 82Page - Micron Technology JS28F640P30TF75A Datasheet HTML 83Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
Datasheet
Apr 2010
79
Order Number:208033-02
P30-65nm SBC
Figure 38: Block Erase Flowchart
Start
Confirm Cycle
- Issue Confirm command
- Address = Block to be erased
- Data = Erase confirm (0xD0)
Errors
?
Yes
No
Error-Handler
User Defined Routine
Check Ready Status
- Read Status Register Command not required
- Perform read operation
- Read Ready Status on signal SR.7
Command Cycle
- Issue Erase command
- Address = Block to be erased
- Data = 0x20
Yes
SR.7 = '1'
?
End
No
Suspend
?
No
Yes
Read Status Register
- Toggle CE# or OE# to update Status Register
- See Status Register Flowchart
Erase Suspend
See Suspend/
Resume Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com