Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640P30TF75A Datasheet(PDF) 69 Page - Micron Technology

Part # JS28F640P30TF75A
Description  Numonyx짰 Axcell??P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F640P30TF75A Datasheet(HTML) 69 Page - Micron Technology

Back Button JS28F640P30TF75A Datasheet HTML 65Page - Micron Technology JS28F640P30TF75A Datasheet HTML 66Page - Micron Technology JS28F640P30TF75A Datasheet HTML 67Page - Micron Technology JS28F640P30TF75A Datasheet HTML 68Page - Micron Technology JS28F640P30TF75A Datasheet HTML 69Page - Micron Technology JS28F640P30TF75A Datasheet HTML 70Page - Micron Technology JS28F640P30TF75A Datasheet HTML 71Page - Micron Technology JS28F640P30TF75A Datasheet HTML 72Page - Micron Technology JS28F640P30TF75A Datasheet HTML 73Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
Datasheet
Apr 2010
69
Order Number:208033-02
P30-65nm SBC
Table 40: Partition Region 1 Information (Sheet 1 of 2)
Offset(1)
See table below
P = 10Ah
Description
Address
Bottom
Top
(Optional flash features and commands)
Len
Bot
Top
(P+24)h
(P+24)h Data size of this Parition Region Information field
2
12E:
12E
(P+25)h
(P+25)h (# addressable locations, including this field)
12F
12F
(P+26)h
(P+26)h Number of identical partitions w ithin the partition region
2
130:
130:
(P+27)h
(P+27)h
131:
131:
(P+28)h
(P+28)h
1
132:
132:
(P+29)h
(P+29)h
1
133:
133:
(P+2A)h (P+2A)h
1
134:
134:
(P+2B)h (P+2B)h
1
135:
135:
Types of erase block regions in this Partition Region.
x = 0 = no erase blocking; the Partition Region erases in bulk
x = number of erase block regions w / contiguous same-size
erase blocks. Symmetrically blocked partitions have one
blocking region. Partition size = (Type 1 blocks)x(Type 1
block sizes) + (Type 2 blocks)x(Type 2 block sizes) +…+
(Type n blocks)x(Type n block sizes)
Number of program or erase operations allow ed in a partition
bits 0–3 = number of simultaneous Program operations
bits 4–7 = number of simultaneous Erase operations
Simultaneous program or erase operations allow ed in other partitions w hile a
partition in this region is in Program mode
bits 0–3 = number of simultaneous Program operations
bits 4–7 = number of simultaneous Erase operations
Simultaneous program or erase operations allow ed in other partitions w hile a
partition in this region is in Erase mode
bits 0–3 = number of simultaneous Program operations
bits 4–7 = number of simultaneous Erase operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com