Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640P30TF75A Datasheet(PDF) 36 Page - Micron Technology

Part # JS28F640P30TF75A
Description  Numonyx짰 Axcell??P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F640P30TF75A Datasheet(HTML) 36 Page - Micron Technology

Back Button JS28F640P30TF75A Datasheet HTML 32Page - Micron Technology JS28F640P30TF75A Datasheet HTML 33Page - Micron Technology JS28F640P30TF75A Datasheet HTML 34Page - Micron Technology JS28F640P30TF75A Datasheet HTML 35Page - Micron Technology JS28F640P30TF75A Datasheet HTML 36Page - Micron Technology JS28F640P30TF75A Datasheet HTML 37Page - Micron Technology JS28F640P30TF75A Datasheet HTML 38Page - Micron Technology JS28F640P30TF75A Datasheet HTML 39Page - Micron Technology JS28F640P30TF75A Datasheet HTML 40Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
P30-65nm SBC
Datasheet
Apr 2010
36
Order Number: 208033-02
11.2.2
Latency Count (RCR[13:11])
The Latency Count (LC) bits tell the device how many clock cycles must elapse from the
rising edge of ADV# (or from the first valid clock edge after ADV# is asserted) until the
first valid data word is driven onto DQ[15:0]. The input clock frequency is used to
determine this value and Figure 10 shows the data output latency for the different
settings of LC. The maximum Latency Count for P30-65nm SBC device would be Code 4
based on the Max clock frequency specification of 52MHz, and there will be zero WAIT
States when bursting within the word line. Please also refer to Section 11.2.3, “End of
Word Line (EOWL) Considerations” on page 37 for more information on EOWL.
Refer to Table 14, “LC and Frequency Support” on page 36 for Latency Code Settings.
Figure 10: First-Access Latency Count
Table 14: LC and Frequency Support
Latency Count Settings
Frequency Support (MHz)
3
≤ 40
4
≤ 52
Code1
(Reserved
Code6
Code5
Code4
Code3
Code2
Code0(Reserved)
Code7
Valid
Address
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Valid
Output
Address[A]
ADV#[V]
DQ
15-0 [D/Q]
CLK[C]
DQ
15-0 [D/Q]
DQ
15-0 [D/Q]
DQ
15-0 [D/Q]
DQ
15-0 [D/Q]
DQ
15-0 [D/Q]
DQ
15-0 [D/Q]
DQ
15-0 [D/Q]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com