Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640P30TF75A Datasheet(PDF) 83 Page - Micron Technology

Part # JS28F640P30TF75A
Description  Numonyx짰 Axcell??P30-65nm Flash Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

JS28F640P30TF75A Datasheet(HTML) 83 Page - Micron Technology

Back Button JS28F640P30TF75A Datasheet HTML 79Page - Micron Technology JS28F640P30TF75A Datasheet HTML 80Page - Micron Technology JS28F640P30TF75A Datasheet HTML 81Page - Micron Technology JS28F640P30TF75A Datasheet HTML 82Page - Micron Technology JS28F640P30TF75A Datasheet HTML 83Page - Micron Technology JS28F640P30TF75A Datasheet HTML 84Page - Micron Technology JS28F640P30TF75A Datasheet HTML 85Page - Micron Technology JS28F640P30TF75A Datasheet HTML 86Page - Micron Technology JS28F640P30TF75A Datasheet HTML 87Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
Datasheet
Apr 2010
83
Order Number:208033-02
P30-65nm SBC
A.3
Write State Machine
Show here are the command state transitions (Next State Table) based on incoming
commands. Only one partition can be actively programming or erasing at a time. Each
partition stays in its last read state (Read Array, Read Device ID, Read CFI or Read
Status Register) until a new command changes it. The next WSM state does not depend
on the partition’s output state.
Note:
IS refers to Illegal State in the Next State Tables.
Table 44: Next State Table for P3x-65nm (Sheet 1 of 3)
Command Input and Resulting Chip Next State(1)
Current Chip State
(FFh) (40h) (E8h) (EBh) (20h) (80h) (D0h) (B0) (70h) (50h) (90h,
98h) (60h) (BCh) (C0h) (01h) (2Fh)
(03h,
04h)
other
Ready
Ready
Ready
N/A
N/A
Lock/RCR/ECR Setup
Ready (Lock
Error [Botch])
Ready (Lock Error [Botch])
Ready
(Lock
Error
[Botc
h])
Ready
(Lock
Block
)
Ready
(Lock
down
Block
)
Ready
(Set
CR)
N/A Ready (Lock Error
[Botch])
N/A
OTP
Setup
OTP Busy
OTP Busy
N/A
OTP Busy
N/A
Busy
OTP
Busy
IS in
OTP
Busy
OTP Busy
IS in OTP
Busy
OTP Busy
Illegal State in OTP
Busy
OTP Busy
N/A
OTP Busy
Ready
IS in OTP Busy
OTP Busy
OTP Busy
Word
Program
Setup
Word Program Busy
N/A
Pgm Busy
N/A
Busy
Pgm
Busy
IS in
Pgm
Busy
Pgm Busy
IS in Pgm
Busy
Pgm
Busy
Pgm
Susp
Word Pgm Busy
IS in Word Pgm
Busy
Word Pgm Busy
N/A
Pgm Busy
Ready
IS in Pgm Busy
Word Pgm Busy
Suspend
Pgm
Susp
IS in
Pgm
Susp
Pgm
Suspend
IS in Pgm
Susp
Pgm
Busy
Pgm Susp
Pgm
Susp
(Er
bits
clear)
Word
Pgm
Susp
Illegal State in Pgm
Suspend
Word Program
Suspend
N/A
Word Pgm Susp
N/A
IS in Pgm
Suspend
Word Program Suspend
EFI
EFI Setup
Sub-function Setup
N/A
Sub-function
Setup
Sub-op-code Load 1
Sub-op-code
Load 1
Sub-function Load 2 if word count >0, else Sub-function confirm
Sub-function
Load 2
Sub-function Confirm if data load in program buffer is complete, ELSE Sub-function Load 2
Sub-function
Confirm
Ready (Error [Botch])
S-fn
Busy
Ready (Error [Botch])
Sub-function
Busy
S-fn
Busy
IS in
S-fn
Busy
S-fn Busy
Illegal State
in S-fn Busy
S-fn
Busy
S-fn
Susp
S-fn Busy
IS in S-fn Busy
S-fn Busy
S-fn Busy
Ready
IS in Sub-
function Busy
Sub-function Busy
Sub-function
Susp
S-fn
Susp
IS in
S-fn
Susp
Sub-function Illegal State
in S-fn Busy
S-fn
Busy
S-fn
Suspend
S-fn
Susp
(Er
bits
clear)
S-fn
Susp
IS in S-fn Susp
S-fn Suspend
N/A
S-fn Susp
N/A
IS in S-fn Susp
Sub-function Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com