Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301-I/SS Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC24FV32KA301-I/SS
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 32Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 33Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 34Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 35Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 36Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 37Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 38Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 39Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 36
PIC24FV32KA304 FAMILY
4.1.1
PROGRAM MEMORY
ORGANIZATION
The program memory space is organized in
word-addressable blocks. Although it is treated as
24 bits wide, it is more appropriate to think of each
address of the program memory as a lower and upper
word, with the upper byte of the upper word being
unimplemented. The lower word always has an even
address, while the upper word has an odd address, as
shown in Figure 4-2.
Program memory addresses are always word-aligned
on the lower word, and addresses are incremented or
decremented by two during code execution. This
arrangement also provides compatibility with data
memory space addressing and makes it possible to
access data in the program memory space.
4.1.2
HARD MEMORY VECTORS
All PIC24F devices reserve the addresses between
00000h and 000200h for hard coded program execu-
tion vectors. A hardware Reset vector is provided to
redirect code execution from the default value of the
PC on device Reset to the actual start of code. A GOTO
instruction is programmed by the user at 000000h, with
the actual address for the start of code at 000002h.
PIC24F devices also have two Interrupt Vector Tables,
located from 000004h to 0000FFh and 000104h to
0001FFh. These vector tables allow each of the many
device interrupt sources to be handled by separate
Interrupt Service Routines (ISRs). A more detailed
discussion of the Interrupt Vector Tables (IVT) is
provided in Section 8.1 “Interrupt Vector Table
(IVT)”.
4.1.3
DATA EEPROM
In the PIC24FV32KA304 family, the data EEPROM is
mapped to the top of the user program memory space,
starting at address, 7FFE00, and expanding up to
address, 7FFFFF.
The data EEPROM is organized as 16-bit wide memory
and 256 words deep. This memory is accessed using
table read and write operations similar to the user code
memory.
4.1.4
DEVICE CONFIGURATION WORDS
Table 4-1 provides the addresses of the device
Configuration Words for the PIC24FV32KA304 family.
Their location in the memory map is shown in
Figure 4-1.
For more information on device Configuration Words,
see Section 26.0 “Special Features”.
TABLE 4-1:
DEVICE CONFIGURATION
WORDS FOR PIC24FV32KA304
FAMILY DEVICES
FIGURE 4-2:
PROGRAM MEMORY ORGANIZATION
Configuration Words
Configuration Word
Addresses
FBS
F80000
FGS
F80004
FOSCSEL
F80006
FOSC
F80008
FWDT
F8000A
FPOR
F8000C
FICD
F8000E
FDS
F80010
0
8
16
PC Address
000000h
000002h
000004h
000006h
23
00000000
00000000
00000000
00000000
Program Memory
‘Phantom’ Byte
(read as ‘0’)
least significant word
most significant word
Instruction Width
000001h
000003h
000005h
000007h
msw
Address
(lsw Address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com