Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301-I/SS Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC24FV32KA301-I/SS
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 44Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 45Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 46Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 47Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 48Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 49Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 50Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 51Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 364 page
background image
TABLE 4-17:
CTMU REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CTMUCON1
035A CTMUEN
—
CTMUSIDL
TGEN
EDGEN
EDGSEQEN
IDISSEN
CTTRIG
—
—
—
—
—
—
—
—
0000
CTMUCON2
035C EDG1MOD EDG1POL EDG1SEL3 EDG1SEL2 EDG1SEL1 EDG1SEL0 EDG2STAT EDG1STAT EDG2EMOD EDG2POL EDG2SEL3 EDG2SEL2 EDG2SEL1 EDG2SEL0
—
—
0000
CTMUICON
035E
ITRIM5
ITRIM4
ITRIM3
ITRIM2
ITRIM1
ITRIM0
IRNG1
IRNG0
—
—
—
—
—
—
—
—
0000
AD1CTMUENH 0360
—
—
—
—
—
—
—
—
—
—
—
—
—
—
CTMEN17 CTMEN16 0000
AD1CTMUENL 0362 CTMEN15 CTMEN14 CTMEN13 CTMEN12 CTMEN11
CTMEN10
CTMEN9
CTMEN8
CTMEN7
CTMEN6
CTMEN5
CTMEN4
CTMEN3
CTMEN2
CTMEN1
CTMEN0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-18:
ANALOG SELECT REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ANSA
04E0
—
—
—
—
—
—
—
—
—
—
—
—
ANSA3
ANSA2
ANSA1
ANSA0
000F
ANSB
04E2
ANSB15 ANSB14
ANSB13
ANSB12
—
—
—
—
—
—
—
ANSB4
ANSB3(1)
ANSB2
ANSB1
ANSB0
F01F
ANSC
04E4
—
—
—
—
—
—
—
—
—
—
—
—
—
ANSC2(1,2) ANSC1(1,2) ANSC0(1,2)
0007
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
These bits are not implemented in 20-pin devices.
2:
These bits are not implemented in 28-pin devices.
TABLE 4-19:
REAL-TIME CLOCK AND CALENDAR REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ALRMVAL
0620
ALRMVAL
xxxx
ALCFGRPT 0622 ALRMEN
CHIME
AMASK3
AMASK2
AMASK1
AMASK0
ALRMPTR1 ALRMPTR0 ARPT7
ARPT6
ARPT5
ARPT4
ARPT3
ARPT2 ARPT1 ARPT0 0000
RTCVAL
0624
RTCVAL
xxxx
RCFGCAL
0626
RTCEN
—
RTCWREN RTCSYNC
HALFSEC
RTCOE
RTCPTR1
RTCPTR0
CAL7
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
0000
RTCPWC
0628 PWCEN PWCPOL PWCCPRE PWCSPRE
RTCCLK1
RTCCLK0
RTCOUT1
RTCOUT0
—
—
—
—
—
—
—
—
xxxx
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 4-20:
TRIPLE COMPARATOR REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CMSTAT
0630
CMIDL
—
—
—
—
C3EVT
C2EVT
C1EVT
—
—
—
—
—
C3OUT
C2OUT
C1OUT
xxxx
CVRCON
0632
—
—
—
—
—
—
—
—
CVREN
CVROE CVRSS
CVR4
CVR3
CVR2
CVR1
CVR0
0000
CM1CON
0634
CON
COE
CPOL
CLPWR
—
—
CEVT
COUT
EVPOL1 EVPOL0
—
CREF
—
—
CCH1
CCH0
xxxx
CM2CON
0636
CON
COE
CPOL
CLPWR
—
—
CEVT
COUT
EVPOL1 EVPOL0
—
CREF
—
—
CCH1
CCH0
0000
CM3CON
0638
CON
COE
CPOL
CLPWR
—
—
CEVT
COUT
EVPOL1 EVPOL0
—
CREF
—
—
CCH1
CCH0
0000
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com