Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301-I/SS Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC24FV32KA301-I/SS
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 43Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 44Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 45Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 46Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 47Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 48Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 49Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 50Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 364 page
background image
TABLE 4-16:
A/D REGISTER MAP
File
Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ADC1BUF0
0300
ADC1BUF0
xxxx
ADC1BUF1
0302
ADC1BUF1
xxxx
ADC1BUF2
0304
ADC1BUF2
xxxx
ADC1BUF3
0306
ADC1BUF3
xxxx
ADC1BUF4
0308
ADC1BUF4
xxxx
ADC1BUF5
030A
ADC1BUF5
xxxx
ADC1BUF6
030C
ADC1BUF6
xxxx
ADC1BUF7
030E
ADC1BUF7
xxxx
ADC1BUF8
0310
ADC1BUF8
xxxx
ADC1BUF9
0312
ADC1BUF9
xxxx
ADC1BUF10 0314
ADC1BUF10
xxxx
ADC1BUF11 0316
ADC1BUF11
xxxx
ADC1BUF12 0318
ADC1BUF12
xxxx
ADC1BUF13 031A
ADC1BUF13
xxxx
ADC1BUF14 031C
ADC1BUF14
xxxx
ADC1BUF15 031E
ADC1BUF15
xxxx
ADC1BUF16 0320
ADC1BUF16
xxxx
ADC1BUF17 0322
ADC1BUF17
xxxx
AD1CON1
0340
ADON
—ADSIDL
—
—
MODE12
FORM1
FORM0
SSRC3
SSRC2
SSRC1
SSRC0
—
ASAM
SAMP
DONE
0000
AD1CON2
0342 PVCFG1 PVCFG0
NVCFG0
OFFCAL BUFREGEN CSCNA
—
—
BUFS
SMPI4
SMPI3
SMPI2
SMPI1
SMPI0
BUFM
ALTS
0000
AD1CON3
0344
ADRC
EXTSAM
—
SAMC4
SAMC3
SAMC2
SAMC1
SAMC0
ADCS7
ADCS6
ADCS5
ADCS4
ADCS3
ADCS2
ADCS1
ADCS0
0000
AD1CHS
0348 CH0NB2
CH0NB1
CH0NB0
CH0SB4
CH0SB3
CH0SB2
CH0SB1
CH0SB0
CH0NA2 CH0NA1 CH0NA0 CH0SA4
CH0SA3
CH0SA2 CH0SA1 CH0SA0
0000
AD1CSSH
034E
—
CSSL30
CSSL29
CSSL28
CSSL27
CSSL26
—
—
—
—
—
—
—
—
CSSL17 CSSL16
0000
AD1CSSL
0350 CSSL15
CSSL14
CSSL13
CSSL12
CSSL11
CSSL10
CSSL9
CSSL8
CSSL7
CSSL6
CSSL5
CSSL4
CSSL3
CSSL2
CSSL1
CSSL0
0000
AD1CON5
0354
ASEN
LPEN
CTMUREQ BGREQ
r
—
ASINT1
ASINT0
—
—
—
—WM1
WM0
CM1
CM0
0000
AD1CHITH
0356
—
—
—
—
—
—
—
—
—
—
—
—
—
—
CHH17
CHH16
0000
AD1CHITL
0358
CHH15
CHH14
CHH13
CHH12
CHH11
CHH10
CHH9
CHH8
CHH7
CHH6
CHH5
CHH4
CHH3
CHH2
CHH1
CHH0
0000
Legend:
— = unimplemented, read as ‘0’; r = reserved. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com