Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301-I/SS Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC24FV32KA301-I/SS
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 62Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 63Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 64Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 65Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 66Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 67Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 68Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 69Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 364 page
background image
PIC24FV32KA304 FAMILY
DS39995D-page 66
 2011-2013 Microchip Technology Inc.
6.4.1
ERASE DATA EEPROM
The data EEPROM can be fully erased, or can be
partially erased, at three different sizes: one word, four
words or eight words. The bits, NVMOP<1:0>
(NVMCON<1:0>), decide the number of words to be
erased. To erase partially from the data EEPROM, the
following sequence must be followed:
1.
Configure NVMCON to erase the required
number of words: one, four or eight.
2.
Load TBLPAG and WREG with the EEPROM
address to be erased.
3.
Clear the NVMIF status bit and enable the NVM
interrupt (optional).
4.
Write the key sequence to NVMKEY.
5.
Set the WR bit to begin the erase cycle.
6.
Either poll the WR bit or wait for the NVM
interrupt (NVMIF is set).
A typical erase sequence is provided in Example 6-2.
This example shows how to do a one-word erase.
Similarly, a four-word erase and an eight-word erase
can be done. This example uses C library procedures to
manage the Table Pointer (builtin_tblpage and
builtin_tbloffset) and the Erase Page Pointer
(builtin_tblwtl). The memory unlock sequence
(builtin_write_NVM) also sets the WR bit to initiate
the operation and returns control when complete.
EXAMPLE 6-2:
SINGLE-WORD ERASE
int __attribute__ ((space(eedata))) eeData = 0x1234;
/*--------------------------------------------------------------------------------------------
The variable eeData must be a Global variable declared outside of any method
the code following this comment can be written inside the method that will execute the erase
----------------------------------------------------------------------------------------------
*/
unsigned int offset;
// Set up NVMCON to erase one word of data EEPROM
NVMCON = 0x4058;
// Set up a pointer to the EEPROM location to be erased
TBLPAG = __builtin_tblpage(&eeData);
// Initialize EE Data page pointer
offset = __builtin_tbloffset(&eeData);
// Initizlize lower word of address
__builtin_tblwtl(offset, 0);
// Write EEPROM data to write latch
asm volatile ("disi #5");
// Disable Interrupts For 5 Instructions
__builtin_write_NVM();
// Issue Unlock Sequence & Start Write Cycle
while(NVMCONbits.WR=1);
// Optional: Poll WR bit to wait for
// write sequence to complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com