Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301-I/SS Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC24FV32KA301-I/SS
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 51Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 52Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 53Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 54Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 55Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 56Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 57Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 58Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 55
PIC24FV32KA304 FAMILY
4.3.3
READING DATA FROM PROGRAM
MEMORY USING PROGRAM SPACE
VISIBILITY
The upper 32 Kbytes of data space may optionally be
mapped into a 16K word page (in PIC24FV16KA3XX
devices) and a 32K word page (in PIC24FV32KA3XX
devices) of the program space. This provides
transparent access of stored constant data from the
data space without the need to use special instructions
(i.e., TBLRDL/H).
Program space access through the data space occurs
if the MSb of the data space EA is ‘1’ and PSV is
enabled by setting the PSV bit in the CPU Control
(CORCON<2>) register. The location of the program
memory space to be mapped into the data space is
determined by the Program Space Visibility Page
Address (PSVPAG) register. This 8-bit register defines
any one of 256 possible pages of 16K words in program
space. In effect, PSVPAG functions as the upper 8 bits
of the program memory address, with the 15 bits of the
EA functioning as the lower bits.
By incrementing the PC by 2 for each program memory
word, the lower 15 bits of data space addresses directly
map to the lower 15 bits in the corresponding program
space addresses.
Data reads from this area add an additional cycle to the
instruction being executed, since two program memory
fetches are required.
Although each data space address, 8000h and higher,
maps directly into a corresponding program memory
address (see Figure 4-7), only the lower 16 bits of the
24-bit program word are used to contain the data. The
upper 8 bits of any program space location used as data
should be programmed with ‘1111 1111’ or ‘0000
0000’ to force a NOP. This prevents possible issues
should the area of code ever be accidentally executed.
For operations that use PSV and are executed outside a
REPEAT loop, the MOV and MOV.D instructions will require
one instruction cycle in addition to the specified execution
time. All other instructions will require two instruction
cycles in addition to the specified execution time.
For operations that use PSV, which are executed inside
a REPEAT loop, there will be some instances that
require two instruction cycles in addition to the
specified execution time of the instruction:
• Execution in the first iteration
• Execution in the last iteration
• Execution prior to exiting the loop due to an
interrupt
• Execution upon re-entering the loop after an
interrupt is serviced
Any other iteration of the REPEAT loop will allow the
instruction accessing data, using PSV, to execute in a
single cycle.
FIGURE 4-7:
PROGRAM SPACE VISIBILITY OPERATION
Note:
PSV access is temporarily disabled during
table reads/writes.
23
15
0
PSVPAG
Data Space
Program Space
0000h
8000h
FFFFh
00
000000h
800000h
002BFEh
When CORCON<2> = 1 and EA<15> = 1:
PSV Area
The data in the page
designated by
PSVPAG is mapped
into the upper half
of the data memory
space....
Data EA<14:0>
...while the lower 15 bits of
the EA specify an exact
address within the PSV
area. This corresponds
exactly to the same lower
15 bits of the actual
program space address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com