Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301-I/SS Datasheet(PDF) 64 Page - Microchip Technology

Part # PIC24FV32KA301-I/SS
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS Datasheet(HTML) 64 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 60Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 61Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 62Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 63Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 64Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 65Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 66Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 67Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 364 page
background image
PIC24FV32KA304 FAMILY
DS39995D-page 64
 2011-2013 Microchip Technology Inc.
REGISTER 6-1:
NVMCON: NONVOLATILE MEMORY CONTROL REGISTER
R/S-0, HC
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
WR
WREN
WRERR
PGMONLY
—
—
—
—
bit 15
bit 8
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
ERASE
NVMOP5
NVMOP4
NVMOP3
NVMOP2
NVMOP1
NVMOP0
bit 7
bit 0
Legend:
HC = Hardware Clearable bit
U = Unimplemented bit, read as ‘0’
R = Readable bit
W = Writable bit
S = Settable bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
WR: Write Control bit (program or erase)
1 = Initiates a data EEPROM erase or write cycle (can be set, but not cleared in software)
0 = Write cycle is complete (cleared automatically by hardware)
bit 14
WREN: Write Enable bit (erase or program)
1 = Enables an erase or program operation
0 = No operation allowed (device clears this bit on completion of the write/erase operation)
bit 13
WRERR: Write Flash Error Flag bit
1 = A write operation is prematurely terminated (any MCLR or WDT Reset during programming
operation)
0 = The write operation completed successfully
bit 12
PGMONLY: Program Only Enable bit
1 = Write operation is executed without erasing target address(es) first
0 = Automatic erase-before-write
Write operations are preceded automatically by an erase of the target address(es).
bit 11-7
Unimplemented: Read as ‘0’
bit 6
ERASE: Erase Operation Select bit
1 = Performs an erase operation when WR is set
0 = Performs a write operation when WR is set
bit 5-0
NVMOP<5:0>: Programming Operation Command Byte bits
Erase Operations (when ERASE bit is ‘1’):
011010 = Erases 8 words
011001 = Erases 4 words
011000 = Erases 1 word
0100xx = Erases entire data EEPROM
Programming Operations (when ERASE bit is ‘0’):
0010xx = Writes 1 word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com