Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301-I/SS Datasheet(PDF) 147 Page - Microchip Technology

Part # PIC24FV32KA301-I/SS
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS Datasheet(HTML) 147 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 143Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 144Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 145Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 146Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 147Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 148Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 149Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 150Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 147
PIC24FV32KA304 FAMILY
14.0 INPUT CAPTURE WITH
DEDICATED TIMERS
All devices in the PIC24FV32KA304 family feature
three independent input capture modules. Each of the
modules offers a wide range of configuration and
operating options for capturing external pulse events,
and generating interrupts.
Key features of the input capture module include:
• Hardware-configurable for 32-bit operation in all
modes by cascading two adjacent modules
• Synchronous and Trigger modes of output
compare operation, with up to 20 user-selectable
Sync/trigger sources available
• A 4-level FIFO buffer for capturing and holding
timer values for several events
• Configurable interrupt generation
• Up to 6 clock sources available for each module,
driving a separate internal 16-bit counter
The module is controlled through two registers: ICxCON1
(Register 14-1) and ICxCON2 (Register 14-2). A general
block diagram of the module is shown in Figure 14-1.
14.1
General Operating Modes
14.1.1
SYNCHRONOUS AND TRIGGER
MODES
By default, the input capture module operates in a
Free-Running mode. The internal 16-bit counter,
ICxTMR, counts up continuously, wrapping around
from FFFFh to 0000h on each overflow, with its period
synchronized to the selected external clock source.
When a capture event occurs, the current 16-bit value
of the internal counter is written to the FIFO buffer.
In Synchronous mode, the module begins capturing
events on the ICx pin as soon as its selected clock
source is enabled. Whenever an event occurs on the
selected Sync source, the internal counter is reset. In
Trigger mode, the module waits for a Sync event from
another internal module to occur before allowing the
internal counter to run.
Standard, free-running operation is selected by setting
the SYNCSELx bits to ‘00000’ and clearing the ICTRIG
bit (ICxCON2<7>). Synchronous and Trigger modes
are selected any time the SYNCSELx bits are set to
any value except ‘00000’. The ICTRIG bit selects
either Synchronous or Trigger mode; setting the bit
selects Trigger mode operation. In both modes, the
SYNCSELx bits determine the Sync/trigger source.
When the SYNCSELx bits are set to ‘00000’ and
ICTRIG is set, the module operates in Software Trigger
mode. In this case, capture operations are started by
manually setting the TRIGSTAT bit (ICxCON2<6>).
FIGURE 14-1:
INPUT CAPTURE x BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is
not intended to be a comprehensive
reference source. For more information,
refer to the “PIC24F Family Reference
Manual”, Section 34. “Input Capture
with Dedicated Timer” (DS39722).
ICxBUF
4-Level FIFO Buffer
ICx Pin
ICM<2:0>
Set ICxIF
Edge Detect Logic
ICI<1:0>
ICOV, ICBNE
Interrupt
Logic
System Bus
Prescaler
Counter
1:1/4/16
and
Clock Synchronizer
Event and
Trigger and
Sync Logic
Clock
Select
IC Clock
Sources
Trigger and
Sync Sources
ICTSEL<2:0>
SYNCSEL<4:0>
Trigger
16
16
16
ICxTMR
Increment
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com