Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301-I/SS Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC24FV32KA301-I/SS
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 157Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 158Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 159Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 160Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 161Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 162Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 163Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 164Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 161
PIC24FV32KA304 FAMILY
16.0 SERIAL PERIPHERAL
INTERFACE (SPI)
The Serial Peripheral Interface (SPI) module is a
synchronous serial interface useful for communicating
with other peripheral or microcontroller devices. These
peripheral devices may be serial data EEPROMs, shift
registers, display drivers, A/D Converters, etc. The SPI
module is compatible with Motorola® SPI and SIOP
interfaces.
The module supports operation in two buffer modes. In
Standard mode, data is shifted through a single serial
buffer. In Enhanced Buffer mode, data is shifted
through an 8-level FIFO buffer.
The module also supports a basic framed SPI protocol
while operating in either Master or Slave mode. A total
of four framed SPI configurations are supported.
The SPI serial interface consists of four pins:
• SDI1: Serial Data Input
• SDO1: Serial Data Output
• SCK1: Shift Clock Input or Output
• SS1: Active-Low Slave Select or Frame
Synchronization I/O Pulse
The SPI module can be configured to operate using 2,
3 or 4 pins. In the 3-pin mode, SS1 is not used. In the
2-pin mode, both SDO1 and SS1 are not used.
Block diagrams of the module, in Standard and
Enhanced Buffer modes, are shown in Figure 16-1 and
Figure 16-2.
The devices of the PIC24FV32KA304 family offer two
SPI modules on a device.
To set up the SPI1 module for the Standard Master
mode of operation:
1.
If using interrupts:
a) Clear the SPI1IF bit in the IFS0 register.
b) Set the SPI1IE bit in the IEC0 register.
c)
Write the respective SPI1IPx bits in the
IPC2 register to set the interrupt priority.
2.
Write the desired settings to the SPI1CON1 and
SPI1CON2 registers with the MSTEN bit
(SPI1CON1<5>) = 1.
3.
Clear the SPIROV bit (SPI1STAT<6>).
4.
Enable SPI operation by setting the SPIEN bit
(SPI1STAT<15>).
5.
Write the data to be transmitted to the SPI1BUF
register. Transmission (and reception) will start
as soon as data is written to the SPI1BUF
register.
To set up the SPI1 module for the Standard Slave mode
of operation:
1.
Clear the SPI1BUF register.
2.
If using interrupts:
a) Clear the SPI1IF bit in the IFS0 register.
b) Set the SPI1IE bit in the IEC0 register.
c)
Write the respective SPI1IPx bits in the
IPC2 register to set the interrupt priority.
3.
Write the desired settings to the SPI1CON1
and SPI1CON2 registers with the MSTEN bit
(SPI1CON1<5>) = 0.
4.
Clear the SMP bit.
5.
If the CKE bit is set, then the SSEN bit
(SPI1CON1<7>) must be set to enable the SS1
pin.
6.
Clear the SPIROV bit (SPI1STAT<6>).
7.
Enable SPI operation by setting the SPIEN bit
(SPI1STAT<15>).
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the Serial
Peripheral Interface, refer to the “PIC24F
Family Reference Manual”, Section 23.
“Serial
Peripheral
Interface
(SPI)”
(DS39699).
Note:
Do not perform read-modify-write opera-
tions (such as bit-oriented instructions) on
the SPI1BUF register in either Standard or
Enhanced Buffer mode.
Note:
In this section, the SPI modules are
referred to as SPIx. Special Function
Registers (SFRs) will follow a similar
notation. For example, SPI1CON1 or
SPI1CON2 refers to the control register
for the SPI1 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com