Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FV32KA301-I/SS Datasheet(PDF) 189 Page - Microchip Technology

Part # PIC24FV32KA301-I/SS
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  364 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA301-I/SS Datasheet(HTML) 189 Page - Microchip Technology

Back Button PIC24FV32KA301-I/SS Datasheet HTML 185Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 186Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 187Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 188Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 189Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 190Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 191Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 192Page - Microchip Technology PIC24FV32KA301-I/SS Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 364 page
background image
 2011-2013 Microchip Technology Inc.
DS39995D-page 189
PIC24FV32KA304 FAMILY
REGISTER 19-2:
RTCPWC: RTCC CONFIGURATION REGISTER 2(1)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PWCEN
PWCPOL
PWCCPRE
PWCSPRE
RTCCLK1(2)
RTCCLK0(2)
RTCOUT1
RTCOUT0
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PWCEN: Power Control Enable bit
1 = Power control is enabled
0 = Power control is disabled
bit 14
PWCPOL: Power Control Polarity bit
1 = Power control output is active-high
0 = Power control output is active-low
bit 13
PWCCPRE: Power Control Control/Stability Prescaler bits
1 = PWC stability window clock is divide-by-2 of source RTCC clock
0 = PWC stability window clock is divide-by-1 of source RTCC clock
bit 12
PWCSPRE: Power Control Sample Prescaler bits
1 = PWC sample window clock is divide-by-2 of source RTCC clock
0 = PWC sample window clock is divide-by-1 of source RTCC clock
bit 11-10
RTCCLK<1:0>: RTCC Clock Select bits(2)
Determines the source of the internal RTCC clock, which is used for all RTCC timer operations.
00 = External Secondary Oscillator (SOSC)
01 = Internal LPRC Oscillator
10 = External power line source – 50 Hz
11 = External power line source – 60 Hz
bit 9-8
RTCOUT<1:0>: RTCC Output Select bits
Determines the source of the RTCC pin output.
00 = RTCC alarm pulse
01 = RTCC seconds clock
10 = RTCC clock
11 = Power control
bit 7-0
Unimplemented: Read as ‘0’
Note 1:
The RTCPWC register is only affected by a POR.
2:
When a new value is written to these register bits, the Seconds Value register should also be written to
properly reset the clock prescalers in the RTCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com