Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151C8T6 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 70Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 71Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 72Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 73Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 74Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 75Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 76Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 77Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 121 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
74/121
Doc ID 17659 Rev 8
6.3.8
Memory characteristics
The characteristics are given at TA = -40 to 105 °C unless otherwise specified.
RAM memory
Table 34.
RAM and hardware registers
Flash memory and data EEPROM
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode(1)
1.
Minimum supply voltage without losing data stored in RAM (in Stop mode or under Reset) or in hardware
registers (only in Stop mode).
STOP mode (or RESET)
1.65
V
Table 35.
Flash memory and data EEPROM characteristics
Symbol
Parameter
Conditions
Min
Typ
Max(1)
1.
Guaranteed by design, not tested in production.
Unit
VDD
Operating voltage
Read / Write / Erase
1.65
3.6
V
tprog
Programming time for
word or half-page
Erasing
3.28
3.94
ms
Programming
3.28
3.94
IDD
Average current during
whole programme/erase
operation
TA = 25 °C, VDD = 3.6 V
300
µA
Maximum current (peak)
during programme/erase
operation
1.5
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com