Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151C8T6 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 80Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 81Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 82Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 83Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 84Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 85Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 86Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 87Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 121 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
84/121
Doc ID 17659 Rev 8
6.3.15
Communications interfaces
I
2C interface characteristics
The line I
2C interface meets the requirements of the standard I2C communication protocol
with the following restrictions: SDA and SCL are not “true” open-drain I/O pins. When
configured as open-drain, the PMOS connected between the I/O pin and VDD is disabled,
but is still present.
The I
2C characteristics are described in Table 47. Refer also to Section 6.3.11: I/O current
injection characteristics for more details on the input/output alternate function characteristics
(SDA and SCL).
Table 47.
I2C characteristics
Symbol
Parameter
Standard mode I2C(1)
1.
Guaranteed by design, not tested in production.
Fast mode I2C(1)(2)
2.
fPCLK1 must be at least 2 MHz to achieve standard mode I²C frequencies. It must be at least 4 MHz to
achieve fast mode I²C frequencies. It must be a multiple of 10 MHz to reach the 400 kHz maximum I²C fast
mode clock.
Unit
Min
Max
Min
Max
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0
0
900(3)
3.
The maximum Data hold time has only to be met if the interface does not stretch the low period of SCL
signal.
tr(SDA)
tr(SCL)
SDA and SCL rise time
1000
20 + 0.1Cb
300
tf(SDA)
tf(SCL)
SDA and SCL fall time
300
300
th(STA)
Start condition hold time
4.0
0.6
µs
tsu(STA)
Repeated Start condition
setup time
4.7
0.6
tsu(STO)
Stop condition setup time
4.0
0.6
μs
tw(STO:STA)
Stop to Start condition time
(bus free)
4.7
1.3
μs
Cb
Capacitive load for each bus
line
400
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com