Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151C8T6 Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 87Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 88Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 89Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 90Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 91Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 92Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 93Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 94Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
Doc ID 17659 Rev 8
91/121
tS
Sampling time
Direct channels
2.4 V
≤ VDDA ≤ 3.6 V
0.25
µs
Multiplexed channels
2.4 V
≤ VDDA ≤ 3.6 V
0.56
Direct channels
1.8 V
≤ VDDA ≤ 2.4 V
0.56
Multiplexed channels
1.8 V
≤ VDDA ≤ 2.4 V
1
4
384
1/fADC
tCONV
Total conversion time
(including sampling time)
fADC = 16 MHz
1
24.75
µs
4 to 384 (sampling
phase) +12 (successive
approximation)
1/fADC
CADC
Internal sample and hold
capacitor
Direct channels
16
pF
Multiplexed channels
fTRIG
External trigger frequency
Regular sequencer
12-bit conversions
Tconv+1 1/fADC
6/8/10-bit conversions
Tconv
1/fADC
fTRIG
External trigger frequency
Injected sequencer
12-bit conversions
Tconv+2 1/fADC
6/8/10-bit conversions
Tconv+1 1/fADC
RAIN
External input impedance
50
k
Ω
tlat
Injection trigger conversion
latency
fADC = 16 MHz
219
281
ns
3.5
4.5
1/fADC
tlatr
Regular trigger conversion
latency
fADC = 16 MHz
156
219
ns
2.5
3.5
1/fADC
tSTAB
Power-up time
3.5
µs
1.
The Vref+ input can be grounded iif neither the ADC nor the DAC are used (this allows to shut down an
external voltage reference).
2.
The current consumption through VREF is composed of two parameters:
- one constant (max 300 µA)
- one variable (max 400 µA), only during sampling time + 2 first conversion pulses.
So, peak consumption is 300+400 = 700 µA and average consumption is 300 + [(4 sampling + 2) /16] x
400 = 450 µA at 1Msps
3.
VREF+ can be internally connected to VDDA and VREF- can be internally connected to VSSA, depending on
the package. Refer to Section 4: Pin descriptions for further details.
4.
VSSA or VREF- must be tied to ground.
Table 54.
ADC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com