Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151C8T6 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 79Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 80Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 81Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 82Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 83Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 84Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 85Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 86Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
Doc ID 17659 Rev 8
83/121
Figure 19.
Recommended NRST pin protection
1.
The reset network protects the device against parasitic resets.
2.
The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 45. Otherwise the reset will not be taken into account by the device.
6.3.14
TIM timer characteristics
The parameters given in the following table are guaranteed by design.
Refer to Section 6.3.11: I/O current injection characteristics for details on the input/output
alternate function characteristics (output compare, input capture, external clock, PWM
output).
ai17854
STM32L15xxx
RPU
NRST(2)
VDD
Filter
Internal reset
0.1 μF
External
reset circuit(1)
Table 46.
TIMx(1) characteristics
1.
TIMx is used as a general term to refer to the TIM2, TIM3 and TIM4 timers.
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
1
tTIMxCLK
fTIMxCLK = 32 MHz
31.25
ns
fEXT
Timer external clock
frequency on CH1 to CH4
0
fTIMxCLK/2
MHz
fTIMxCLK = 32 MHz
0
16
MHz
ResTIM
Timer resolution
16
bit
tCOUNTER
16-bit counter clock period
when internal clock is
selected (timer’s prescaler
disabled)
1
65536
tTIMxCLK
fTIMxCLK = 32 MHz 0.0312
2048
µs
tMAX_COUNT Maximum possible count
65536 × 65536
tTIMxCLK
fTIMxCLK = 32 MHz
134.2
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com