Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151C8T6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32L151C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C8T6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32L151C8T6 Datasheet HTML 7Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 8Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 9Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 10Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 11Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 12Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 13Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 14Page - STMicroelectronics STM32L151C8T6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 121 page
background image
STM32L151x6/8/B, STM32L152x6/8/B
Description
Doc ID 17659 Rev 8
11/121
2.2
Ultra-low-power device continuum
The ultra-low-power STM32L151xx and STM32L152xx are fully pin-to-pin and software
compatible. Besides the full compatibility within the family, the devices are part of
STMicroelectronics microcontrollers ultra-low-power strategy which also includes
STM8L101xx and STM8L15xx devices. The STM8L and STM32L families allow a
continuum of performance, peripherals, system architecture and features.
They are all based on STMicroelectronics ultralow leakage process.
Note:
The ultra-low-power STM32L and general-purpose STM32Fxxxx families are pin-to-pin
compatible. The STM8L15xxx devices are pin-to-pin compatible with the STM8L101xx
devices. Please refer to the STM32F and STM8L documentation for more information on
these devices.
2.2.1
Performance
All families incorporate highly energy-efficient cores with both Harvard architecture and
pipelined execution: advanced STM8 core for STM8L families and ARM Cortex™-M3 core
for STM32L family. In addition specific care for the design architecture has been taken to
optimize the mA/DMIPS and mA/MHz ratios.
This allows the ultra-low-power performance to range from 5 up to 33.3 DMIPs.
2.2.2
Shared peripherals
STM8L15xxx and STM32L15xxx share identical peripherals which ensure a very easy
migration from one family to another:
●
Analog peripherals: ADC, DAC and comparators
●
Digital peripherals: RTC and some communication interfaces
2.2.3
Common system strategy
To offer flexibility and optimize performance, the STM8L15xx and STM32L15xx families use
a common architecture:
●
Same power supply range from 1.65 V to 3.6 V, (1.65 V at power down only for
STM8L15xx devices)
●
Architecture optimized to reach ultralow consumption both in low power modes and
Run mode
●
Fast startup strategy from low power modes
●
Flexible system clock
●
Ultrasafe reset: same reset strategy including power-on reset, power-down reset,
brownout reset and programmable voltage detector.
2.2.4
Features
ST ultra-low-power continuum also lies in feature compatibility:
●
More than 10 packages with pin count from 20 to 144 pins and size down to 3 x 3 mm
●
Memory density ranging from 4 to 384 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com